Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88923V Datasheet(PDF) 5 Page - Micrel Semiconductor

Part No. SY88923V
Description  2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY88923V Datasheet(HTML) 5 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
SY88923V
Micrel, Inc.
M9999-051706
hbwhelp@micrel.com or (408) 955-1690
PERFORMANCE CURVE
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
LOS
LVL = VCC — V (V)
LOS Assert and De-Assert
Levels vs LOS
LVL
3.3V
T
A = 25¡C
2.5Gbps
Pattern 223-1
De-Assert
Assert
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
LOS
LVL = VCC — V (V)
LOS Assert and De-Assert
Levels vs LOS
LVL
5.0V
T
A = 25¡C
2.5Gbps
Pattern 223-1
De-Assert
Assert
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
LOS
LVL = VCC — V (V)
LOS Assert and De-Assert
Levels vs LOS
LVL
3.3V
T
A = 25¡C
2.5Gbps
Pattern 2
7-1
De-Assert
Assert
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
LOS
LVL = VCC — V (V)
LOS Assert and De-Assert
Levels vs LOS
LVL
5.0V
T
A = 25¡C
2.5Gbps
Pattern 2
7-1
De-Assert
Assert


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn