Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88923 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part No. SY88923
Description  2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY88923 Datasheet(HTML) 1 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DESCRIPTION
s Up to 2.5Gbps operation
s Low noise
s Chatter-Free LOS generation
s Open Collector TTL LOS output
s TTL /EN Input
s Differential PECL inputs for data
s Single power supply
s Designed for use with SY88922 and SY88904 or
SY88905
s Available in a tiny 10-pin (3mm) MSOP
The SY88923 limiting post amplifier with its high gain
and wide bandwidth is ideal for use as a post amplifier in
fiber-optic receivers with data rates up to 2.5Gbps. Signals
as small as 5mVp-p can be amplified to drive devices with
PECL inputs. The SY88923 generates a chatter-free Loss
of Signal (LOS) open collector TTL output.
The SY88923 incorporates a programmable level detect
function to identify when the input signal has been lost.
This information can be fed back to the /EN input of the
device to maintain stability under loss of signal condition.
Using LOSLVL pin, the sensitivity of the level detection can
be adjusted. The LOSLVL voltage can be set by connecting
a resistor divider between VCC and VREF. Figure 3 and
Figure 4 show the relationship between input level sensitivity
and the voltage set on LOSLVL. Figure 5 shows the
relationship between input level sensitivity and resistor
divider ratio.
The LOS output is a TTL open collector output that
requires a pull-up resistor for proper operation, Figure 1.
FEATURES
2.5Gbps HIGH-SPEED
LIMITING POST AMPLIFIER
SY88923
APPLICATIONS
s 1.25Gbps Gigabit Ethernet
s 531Mbps and 1062Mbps Fibre Channel
s 622Mbps SONET
s Gigabit interface converter
s 2.5Gbps SDH/SONET
PIN CONFIGURATION
BLOCK DIAGRAM
1
/EN
DIN
/DIN
VREF
LOSLVL
10 VCC
DOUT
/DOUT
LOS
GND
9
8
7
6
2
3
4
5
MSOP
K10-1
Figure 1. LOS Output with Desired Rise Time
SY88923
LOS
+5.0V
2k
Limiting
Amplifer
ECL
Buffer
DIN
DIN
VREF
VCC
GND
LOSLVL
Enable
Level
Detect
DOUT
DOUT
EN
LOS
1
Rev.: C
Amendment: /1
Issue Date:
July 2000


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn