Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88903 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part No. SY88903
Description  1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY88903 Datasheet(HTML) 4 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SY88903
Micrel
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY88903KC
K16-1
Commercial
Output Termination
The SY88903 outputs must be terminated with a 50
load to VCC – 2V (or Thevenin equivalent).
Layout and PCB Design
Since the SY88903 is a high-frequency component,
performance can largely be determined by board layout
and design. A common problem with high-gain amplifiers is
feedback from the large swing outputs to the input via the
power supply.
DIN
DIN+
VREF
0.1µF
0.1µF
0.1µF
Figure 2. Differential Input Configuration
APPLICATION INFORMATION
The SY88903 ground pin should be connected to the
circuit board ground. Use multiple PCB vias close to the
part to connect to ground. Avoid long, inductive runs which
can degrade performance.
NOTES:
Resistor Divider = R2/ (R1 + R2)
R1 + R2
≥ 5kΩ
LOSLVL
VREF
R1
R2
VCC
Figure 3. LOSLVL Circut


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn