Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88903 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part No. SY88903
Description  1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY88903 Datasheet(HTML) 3 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SY88903
Micrel
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
ICC
Power Supply Current(1)
35
35
21
35
35
mA
IIL
/EN Input LOW Current
–0.3
–0.3
–0.3
–0.3
mA
IIH
/EN Input HIGH Current
—20(5)
—20(5)
——
20(5)
—20(5)
µA
100(6)
100(6)
100(6)
100(6)
VCMR
Common Mode Range
GND +2.0
VCC -1.0 GND +2.0 VCC -1.0
GND +2.0
—VCC -1.0
GND +2.0
VCC -1.0
V
Voffset
Differential Output Offset
±100
±100
±100
±100
mV
LOSLVL
LOSLVL Level
VREF
VCC
VREF
VCC
VREF
—VCC
VREF
VCC
V
VOL
LOS Output Low
0.5
0.5
0.5
0.5
V
Level(2)
IOH
LOS Output Leakage(3)
250
250
250
250
uA
VOH
DOUT and /DOUT
VCC-1085
VCC-880
VCC-1025
VCC-880
VCC-1025
VCC-955
VCC-880
VCC-1025
VCC-880
mV
HIGH Output
VOL
DOUT and /DOUT
VCC-1830
VCC–1555 VCC-1810 VCC–1620
VCC-1810
VCC–1705 VCC–1620
VCC-1810
VCC–1620
mV
LOW Output
VREF
Reference Supply(4)
VCC-2.625 VCC–2.325 VCC-2.625 VCC–2.325 VCC-2.625 VCC–2.475 VCC–2.325 VCC-2.625 VCC–2.325
V
VIH
/EN Input HIGH Voltage
2.0
2.0
2.0
2.0
V
VIL
/EN Input LOW Voltage
0.8
0.8
0.8
0.8
V
NOTES:
1. No output load
2. IOL = + 2mA
3. VOH = 5.5V
DC ELECTRICAL CHARACTERISTICS
VCC = +5V
±10%, RLOAD = 50Ω to VCC-2V, TA = –40°C to +85°C
4. IREF must be limited to be within -0.8mA (source) and 0.5mA (sink).
5. VIN = 2.7V
6. VIN = VCC
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Conditions
PSRR
Power Supply(1)
35
dB
Input referred,
Rejection Ratio
55MHz
VID
Input Voltage Range
5
1800
5
1800
5
1800
5
1800 mVp-p
tr, tf
Output Rise/Fall Time
350
350
200
350
350
ps
VID > 100mVp-p
——
trin,tfin
———
VID < 100mVp-p
VOD
Differential Output
600
mV
VID = 15mVp-p
Voltage Swing(2)
——
200
———
mV
VID = 5mVp-p
tOFFL
LOS Release Time(3)
0.5
0.5
0.1
0.5
0.5
µs
Minimum Input
tOFFH
LOS Release Time(4)
0.5
0.5
0.1
0.5
0.5
µs
Maximum Input
tONL
LOS Assert Time(3)
0.5
0.5
0.2
0.5
0.5
µs
VSR
LOS Sensitivity Range
5
50
5
50
5
50
5
50
mVp-p
HYS
LOS Hysteresis
2
8
2
8
2
4.6
8
2
8
dB
AC ELECTRICAL CHARACTERISTICS
VCC = +5V
±10%, RLOAD = 50Ω to VCC - 2V, TA = –40°C to +85°C
NOTES:
1. Input referred noise = RMS output noise/low frequency gain.
2. Input is 622MHz square wave.
3. Input is a 200MHz square wave, tr < 300ps, 8mVp-p.
4. Input is a 200MHz square wave, tr < 300ps, 1.8Vp-p.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn