Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL78206AVEZ Datasheet(PDF) 19 Page - Intersil Corporation

Part No. ISL78206AVEZ
Description  40V 2.5A Buck Controller with Integrated High-side 40V 2.5A Buck Controller with Integrated High-side
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL78206AVEZ Datasheet(HTML) 19 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
ISL78206
19
FN8618.2
March 25, 2015
Submit Document Feedback
Package Outline Drawing
M20.173A
20 LEAD HEAT-SINK THIN SHRINK SMALL OUTLINE PACKAGE (HTSSOP)
Rev 0, 8/13
DETAIL "X"
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
SIDE VIEW
END VIEW
Dimension does not include mold flash, protrusions or gate burrs.
Mold flash, protrusions or gate burrs shall not exceed 0.15 per side.
Dimension does not include interlead flash or protrusion. Interlead
flash or protrusion shall not exceed 0.25 per side.
Dimensions are measured at datum plane H.
Dimensioning and tolerancing per ASME Y14.5M-1994.
Dimension does not include dambar protrusion. Allowable protrusion
shall be 0.80mm total in excess of dimension at maximum material
condition. Minimum space between protrusion and adjacent lead
is 0.07mm.
Dimension in ( ) are for reference only.
Conforms to JEDEC MO-153.
6.
3.
5.
4.
2.
1.
NOTES:
7.
0.09-0.20
SEE DETAIL "X"
0.90 +0.15/-0.10
0.60 ±0.15
0 MIN TO 0.15 MAX
PLANE
GAUGE
0°-8°
0.25
1.00 REF
20
0.20 C B A
2
1
3
9
B
1
3
10
A
PIN #1
I.D. MARK
6.50 ±0.10
6.40
4.40 ±0.10
0.65
0.10 C
SEATING
PLANE
0.25 +0.05/-0.06 5
C
H
- 0.05
1.20 MAX
0.10
C B A
M
3.00
4.20
EXPOSED
THERMAL PAD
BOTTOM VIEW
(4.20)
(1.45)
(5.65)
0.6500
(0.35 TYP)
(3.00)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn