Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL78206AVEZ Datasheet(PDF) 14 Page - Intersil Corporation

Part No. ISL78206AVEZ
Description  40V 2.5A Buck Controller with Integrated High-side 40V 2.5A Buck Controller with Integrated High-side
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL78206AVEZ Datasheet(HTML) 14 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ISL78206
14
FN8618.2
March 25, 2015
Submit Document Feedback
Fault Protection
Overcurrent Protection
The overcurrent function protects against any overload conditions
and output shorts at worst case, by monitoring the current
flowing through the upper MOSFET.
There are 2 current limiting thresholds. The first one, IOC1, is to
limit the high-side MOSFET peak current cycle-by-cycle. The
current limit threshold is set to a default of 3.6A with the ILIMIT
pin connected to GND or VCC, or left open. The current limit
threshold can also be programmed by a resistor RLIM at ILIMIT
pin to ground. Use Equation 3 to calculate the resistor.
Note that with the lower RLIM, IOC1 is higher. The usable resistor
value range to program OC1 peak current threshold is 40kΩ
to 330kΩ. RLIM value out of this range is not recommended.
The second current protection threshold, IOC2, is 15% higher
than IOC1 mentioned above. Upon the instant that the high-side
MOSFET current reaches IOC2, the PWM shuts off after 2 cycle
delay and the IC enters hiccup mode. In hiccup mode, the PWM
is disabled for dummy soft-start duration equaling 5 regular
soft-start periods. After this dummy soft-start cycle, the true
soft-start cycle is attempted again. The IOC2 offers a robust and
reliable protection against worst case conditions.
The frequency foldback is implemented for the ISL78206. When
overcurrent limiting, the switching frequency is reduced to be
proportional to the output voltage in order to keep the inductor
current under limit threshold during overload conditions. The low
limit of frequency under frequency foldback is 40kHz.
Overvoltage Protection
If the voltage detected on the FB pin is over 110% or 120% of
reference, the high-side and low-side driver shuts down
immediately and keep off until FB voltage drops to 0.8V. When
the FB voltage drops to 0.8V, the drivers are released ON. 110%
OVP is off at soft-start and becomes active after soft-start is
done. 120% OVP is active before and after soft-start.
Thermal Protection
The ISL78206 PWM will be disabled if the junction temperature
reaches +160°C. There is +20°C hysteresis for OTP. The part will
restart after the junction temperature drops below +140°C.
Component Selection
The ISL78200 iSim model (buck mode), available on the internet
(ISL78200 iSim), and can be used to simulate the ISL78206
behaviors to assist in design.
Output Capacitors
An output capacitor is required to filter the inductor current.
Output ripple voltage and transient response are 2 critical factors
when considering output capacitance choice. The current mode
control loop allows the usage of low ESR ceramic capacitors and
thus smaller board layout. Electrolytic and polymer capacitors
may also be used.
Additional consideration applies to ceramic capacitors. While they
offer excellent overall performance and reliability, the actual
in-circuit capacitance must be considered. Ceramic capacitors are
rated using large peak-to-peak voltage swings and with no DC bias.
In the DC/DC converter application, these conditions do not reflect
reality. As a result, the actual capacitance may be considerably
lower than the advertised value. Consult the manufacturers data
sheet to determine the actual in-application capacitance. Most
manufacturers publish capacitance vs DC bias so that this effect
can be easily accommodated. The effects of AC voltage are not
frequently published, but an assumption of ~20% further
reduction will generally suffice. The result of these considerations
can easily result in an effective capacitance 50% lower than the
rated value. Nonetheless, they are a very good choice in many
applications due to their reliability and extremely low ESR.
The following equations allow calculation of the required
capacitance to meet a desired ripple voltage level. Additional
capacitance may be used.
For the ceramic capacitors (low ESR):
Where
I is the inductor’s peak-to-peak ripple current, fSW is the
switching frequency and COUT is the output capacitor.
If using electrolytic capacitors then:
RLIM
300000
IOC A
 0.018
+
----------------------------------------
=
(EQ. 3)
FIGURE 21. RLIM vs IOC1
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0
IOC1 (A)
VOUTripple
I
8fSWCOUT
-------------------------------------
=
(EQ. 4)
VOUTripple I*ESR
=
(EQ. 5)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn