Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL78206AVEZ Datasheet(PDF) 11 Page - Intersil Corporation

Part No. ISL78206AVEZ
Description  40V 2.5A Buck Controller with Integrated High-side 40V 2.5A Buck Controller with Integrated High-side
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL78206AVEZ Datasheet(HTML) 11 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ISL78206
11
FN8618.2
March 25, 2015
Submit Document Feedback
FIGURE 17. VIN 24V, 0A TO 2A STEP LOAD
FIGURE 18. NON-SYNCHRONOUS BUCK, FORCE PWM MODE,
VIN 12V, NO LOAD
FIGURE 19. NON-SYNCHRONOUS BUCK, FORCE PWM MODE, VIN 12V, 2A
Typical Performance Curves (Continued)
VOUT 100mV/DIV (5V OFFSET)
IOUT 1A/DIV
PHASE 20V/DIV
1ms/DIV
VOUT 10mV/DIV (5V OFFSET)
PHASE 5V/DIV
20µs/DIV
VOUT 10mV/DIV (5V OFFSET)
PHASE 10V/DIV
5µs/DIV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn