Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL78206AVEZ Datasheet(PDF) 1 Page - Intersil Corporation

Part No. ISL78206AVEZ
Description  40V 2.5A Buck Controller with Integrated High-side 40V 2.5A Buck Controller with Integrated High-side
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL78206AVEZ Datasheet(HTML) 1 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
DATASHEET
40V 2.5A Buck Controller with Integrated High-side
MOSFET
ISL78206
The ISL78206 is an AEC-Q100 qualified 40V, 2.5A synchronous
buck controller with a high-side MOSFET and low-side driver
integrated. The ISL78206 supports a wide input voltage range
from 3V to 40V, output current up to 2.5A, and can be
operated in synchronous and non-synchronous buck
topologies. The ISL78206 provides a low system cost, high
efficiency, single part buck solution for automotive
applications for a wide variety of input voltages. For vehicle
systems that must be kept powered during cold-cranking or
start-stop operation, the ISL78206 can be replaced by its
pin-to-pin alternative, the ISL78201 which offers boost-buck
operation. Together, these devices offer two functional
alternatives on the same PCB layout, providing convenience,
flexibility, and facilitating extensive design reuse.
The ISL78206 offers the most robust current protections. It
uses peak current mode control with cycle-by-cycle current
limiting. It is implemented with frequency foldback
undercurrent limit conditions. In addition, the hiccup
overcurrent mode is also implemented to guarantee reliable
operations under harsh short conditions.
The ISL78206 has comprehensive protections against various
faults, including overvoltage, undervoltage, programmable
overcurrent and over-temperature. Built-in soft-start allows the
IC to start-up smoothly and is reactivated during hiccup mode
fault recovery.
Features
• Ultra wide input voltage range 3V to 40V (refer to “Input
Voltage” on page 12 for more details)
• Less than 5µA (max) shutdown input current (IC disabled)
• Temperature range -40°C to +105°C
• Integrated high-side MOSFET
• Operational topologies
-Synchronous buck
-Non-synchronous buck
• Programmable frequency from 200kHz to 2.2MHz and
frequency synchronization capability
±1% tight voltage regulation accuracy
• Reliable cycle-by-cycle overcurrent protection
- Temperature compensated current sense
- Frequency foldback
- Programmable OC limit
- Hiccup mode protection in worst case short condition
• 20 Ld HTSSOP package, pin-to-pin compatible with
ISL78201 boost buck
• AEC-Q100 qualified
• Pb-free (RoHS compliant)
Applications
• Automotive applications
• General purpose power regulator
• 24V bus power
•Battery power
• Embedded processor and I/O supplies
FIGURE 1. TYPICAL APPLICATION SCHEMATIC I - SYNCHRONOUS
BUCK
VOUT
ISL78206
VCC
SGND
BOOT
VIN
PHASE
PGND
DGND
FS
EN
FB
COMP
VIN
LGATE
ILIMIT
SS
SYNC
PGOOD
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
FIGURE 2. EFFICIENCY, SYNCHRONOUS BUCK, 500kHz, VOUT 5V,
TA = +25°C
LOAD CURRENT (A)
40V
6V
12V
24V
March 25, 2015
FN8618.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2013-2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn