Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL78206AVEZ Datasheet(PDF) 9 Page - Intersil Corporation

Part No. ISL78206AVEZ
Description  40V 2.5A Buck Controller with Integrated High-side 40V 2.5A Buck Controller with Integrated High-side
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL78206AVEZ Datasheet(HTML) 9 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ISL78206
9
FN8618.2
March 25, 2015
Submit Document Feedback
Typical Performance Curves
FIGURE 6. EFFICIENCY, SYNCHRONOUS BUCK, 500kHz, VOUT 5V,
TA = +25°C
FIGURE 7. EFFICIENCY, SYNCHRONOUS BUCK, 500kHz,
VOUT 3.3V, TA = +25°C
FIGURE 8. LOAD REGULATION, VOUT 5V, TA = +25°C
FIGURE 9. LINE REGULATION, VOUT 5V, TA = +25°C
FIGURE 10. IC DIE TEMPERATURE UNDER +25°C AMBIENT
TEMPERATURE, STILL AIR, 500kHz, IO = 2A
FIGURE 11. IC DIE TEMPERATURE UNDER +25°C AMBIENT
TEMPERATURE, STILL AIR, 500kHz, VOUT = 5V
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
0.00.5
1.01.5
2.02.5
LOAD CURRENT (A)
40V
6V
12V
24V
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
0.00.5
1.01.5
2.02.5
LOAD CURRENT (A)
40V
6V
12V
24V
4.950
4.952
4.954
4.956
4.958
4.960
4.962
4.964
4.966
4.968
4.970
0.0
0.5
1.0
1.5
2.0
2.5
LOAD CURRENT (A)
40V
6V
12V
24V
4.950
4.952
4.954
4.956
4.958
4.960
4.962
4.964
4.966
4.968
4.970
0
5
10
15
20
25
30
35
40
45
50
INPUT VOLTAGE (V)
IO = 0A
IO = 2A
IO = 1A
25
30
35
40
45
50
55
60
65
70
75
80
85
0
5
10
15
20
25
30
35
40
45
50
VIN (V)
VOUT = 5V
VOUT = 12V
VOUT = 20V
25
30
35
40
45
50
55
60
65
70
75
80
85
1.0
1.5
2.0
2.5
IOUT (A)
VIN = 24V
VIN = 12V
VIN = 6.5V
VIN = 40V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn