Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL78206AVEZ Datasheet(PDF) 8 Page - Intersil Corporation

Part No. ISL78206AVEZ
Description  40V 2.5A Buck Controller with Integrated High-side 40V 2.5A Buck Controller with Integrated High-side
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL78206AVEZ Datasheet(HTML) 8 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ISL78206
8
FN8618.2
March 25, 2015
Submit Document Feedback
Undervoltage Falling Trip Point
VFB/VREF
Percentage of reference point
84
90
96
%
Undervoltage Falling Hysteresis
VFB/VUVTRIP
Percentage above UV trip point
3
%
PGOOD Rising Delay
tPGOODR_DELAY fOSC = 500kHz
128
cycles
PGOOD Leakage Current
PGOOD HIGH, VPGOOD = 4.5V
10
nA
PGOOD Low Voltage
VPGOOD
PGOOD LOW, IPGOOD = 0.2mA
0.10
V
OVERCURRENT PROTECTION
Default Cycle-by-cycle Current Limit Threshold
IOC_1
ILIMIT = GND or VCC or Floating
3
3.6
4.2
A
Hiccup Current Limit Threshold
IOC_2
Hiccup, IOC_2/IOC_1
115
%
OVERVOLTAGE PROTECTION
OV 120% Trip Point
Active in and after soft-start
Percentage of Reference Point
LG = UG = LOW
120
%
OV 120% Release Point
Active in and after soft-start
Percentage of Reference Point
102.5
%
OV 110% Trip Point
Active after soft-start done
Percentage of Reference Point
LG = UG = LOW
110
%
OV 110% Release Point
Active after soft-start done.
Percentage of Reference Point
102.5
%
OVER-TEMPERATURE PROTECTION
Over-temperature Trip Point
160
°C
Over-temperature Recovery Threshold
140
°C
NOTES:
6. Wire bonds included.
7. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications Refer to “Block Diagram” on page 4 and Typical Application Schematics on page 5. Operating Conditions
Unless Otherwise Noted: VIN = 12V, or VCC = 4.5V, TA = -40°C to +105°C. Typicals are at TA = +25°C. Boldface limits apply across the operating
temperature range, -40°C to +105°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)TYP
MAX
(Note 7)UNITS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn