Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78201AVEZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL78201AVEZ
Description  40V 2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78201AVEZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL78201AVEZ Datasheet HTML 1Page - Intersil Corporation ISL78201AVEZ Datasheet HTML 2Page - Intersil Corporation ISL78201AVEZ Datasheet HTML 3Page - Intersil Corporation ISL78201AVEZ Datasheet HTML 4Page - Intersil Corporation ISL78201AVEZ Datasheet HTML 5Page - Intersil Corporation ISL78201AVEZ Datasheet HTML 6Page - Intersil Corporation ISL78201AVEZ Datasheet HTML 7Page - Intersil Corporation ISL78201AVEZ Datasheet HTML 8Page - Intersil Corporation ISL78201AVEZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ISL78201
3
FN8615.1
March 31, 2015
Submit Document Feedback
PGOOD
15
PGOOD is an open drain output and pull-up this pin with a resistor to VCC for proper function. PGOOD will be pulled low under
the events when the output is out of regulation (OV or UV) or EN pin is pulled low. PGOOD rising has a fixed 128 cycles
delay.
PHASE
16, 17
These pins are the PHASE nodes that should be connected to the output inductor. These pins are connected to the source of
the high-side N channel MOSFET.
EXT_BOOST
18
This pin is used to set boost mode and monitor the battery voltage that is the input of the boost converter. After VCC POR, the
controller will detect the voltage on this pin, if voltage on this pin is below 200mV, the controller is set in
synchronous/non-synchronous buck mode and latch in this state unless VCC is below the POR falling threshold; if the voltage
on this pin after VCC POR is above 200mV, the controller is set in boost mode and latch in this state.
In boost mode, this pin is used to monitor input voltage through a resistor divider. By setting the resistor divider, the high
threshold and hysteresis can be programmed. When voltage on this pin is above 0.8V, the PWM output (LGATE) for the boost
converter is disabled, and when voltage on this pin is below 0.8V minus the hysteresis, the boost PWM is enabled.
In boost mode operation, PFM is disabled when boost PWM is enabled. Check Boost Mode Operation in the “Functional
Description” on page 14 for more details.
SYNC
19
This pin can be used to synchronize two or more ISL78201 controllers. Multiple ISL78201s can be synchronized with their
SYNC pins connected together. 180 degree phase shift is automatically generated between the master and slave ICs.
The internal oscillator can also lock to an external frequency source applied on this pin with square pulse waveform (with
frequency 10% higher than the IC’s local frequency, and pulse width higher than 150ns).
This pin should be left floating if not used. Range: 0V to 5.5V.
LGATE
20
In synchronous buck mode, this pin is used to drive the lower side MOSFET to improve efficiency. A 5.1k or smaller value
resistor has to be added to connect LGATE to ground to avoid falsely turn-on of LGATE caused by coupling noise.
In non-synchronous buck when a diode is used as the bottom side power device, this pin should be connected to VCC through
a resistor (less than 5k) before VCC start-up to have low-side driver (LGATE) disabled.
In boost mode, it can be used to drive the boost power MOSFET. The boost control PWM is the same with the buck control PWM.
PAD
21
Bottom thermal pad. It is not connected to any electrical potential of the IC. In layout it must be connected to PCB ground
copper plane with an area as large as possible to effectively reduce the thermal impedance.
Functional Pin Description (Continued)
PIN NAME
PIN #
DESCRIPTION
Ordering Information
PART
NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL78201AVEZ
78201 AVEZ
-40 to +105
20 Ld HTSSOP
M20.173A
ISL78201EVAL1Z
Evaluation Board
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL78201. For more information on MSL please see techbrief TB363.


Similar Part No. - ISL78201AVEZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78201AVEZ RENESAS-ISL78201AVEZ Datasheet
1Mb / 23P
   40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
More results

Similar Description - ISL78201AVEZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78201 RENESAS-ISL78201 Datasheet
1Mb / 23P
   40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85402 RENESAS-ISL85402 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85402 INTERSIL-ISL85402 Datasheet
901Kb / 18P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
logo
Renesas Technology Corp
ISL78200 RENESAS-ISL78200 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85402IRZ-TK INTERSIL-ISL85402IRZ-TK Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200 INTERSIL-ISL78200 Datasheet
963Kb / 19P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85403 INTERSIL-ISL85403 Datasheet
966Kb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 13, 2015
logo
Renesas Technology Corp
ISL85403 RENESAS-ISL85403 Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com