Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL26712IHZ-T7A Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL26712IHZ-T7A
Description  12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26712IHZ-T7A Datasheet(HTML) 2 Page - Intersil Corporation

  ISL26712IHZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL26712IHZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL26712IHZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL26712IHZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL26712IHZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL26712IHZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL26712IHZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL26712IHZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL26712IHZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ISL26712, ISL26710, ISL26708
2
FN7999.3
September 5, 2012
Typical Connection Diagram
Pin Configurations
ISL26712/10/08
(8 LD TDFN)
TOP VIEW
ISL26712/10/08
(8 LD SOT-23)
TOP VIEW
VREF
AIN+
AIN–
GND
VDD
SCLK
SDATA
CS
REFP-P
+
+
+3V/5V
SUPPLY
µP/µC
VREF
SERIAL INTERFACE
10µF
0.1µF
REFP-P
VREF
AIN+
AIN-
GND
1
2
3
4
8
7
6
5
VDD
SCLK
SDATA
CS
VDD
SCLK
SDATA
CS
1
2
3
4
8
7
6
5
VREF
AIN+
AIN-
GND
Pin Description
ISL26712/10/08
DESCRIPTION
PIN
NAME
PIN
NUMBER
(TDFN)
PIN
NUMBER
(SOT-23)
VDD
8
1
Supply voltage, +2.7V to 5.25V.
SCLK
7
2
Serial clock input. Controls digital
I/O timing and clocks the
conversion.
SDATA
6
3
Digital conversion output.
CS
5
4
Chip select input. Generally controls
the start of a conversion though not
always the sampling signal.
GND
4
5
Ground
AIN–
3
6
Negative analog input.
AIN+
2
7
Positive analog input.
VREF
1
8
Reference voltage.
Pin-Compatible Family
PART NUMBER
RESOLUTION
(Bits)
ISL26712
12
ISL26710
10
ISL26708
8


Similar Part No. - ISL26712IHZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL26712IHZ-T7A INTERSIL-ISL26712IHZ-T7A Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712IHZ-T7A RENESAS-ISL26712IHZ-T7A Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
More results

Similar Description - ISL26712IHZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
Linear Technology
LTC2374 LINER-LTC2374 Datasheet
1Mb / 12P
   16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com