Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3330IAZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL3330IAZ
Description  3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3330IAZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL3330IAZ Datasheet HTML 3Page - Intersil Corporation ISL3330IAZ Datasheet HTML 4Page - Intersil Corporation ISL3330IAZ Datasheet HTML 5Page - Intersil Corporation ISL3330IAZ Datasheet HTML 6Page - Intersil Corporation ISL3330IAZ Datasheet HTML 7Page - Intersil Corporation ISL3330IAZ Datasheet HTML 8Page - Intersil Corporation ISL3330IAZ Datasheet HTML 9Page - Intersil Corporation ISL3330IAZ Datasheet HTML 10Page - Intersil Corporation ISL3330IAZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
FN6361.0
May 20, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
VL (QFN Only) . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VCC + 0.5V
Input Voltages
All Except A,B. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
Input/Output Voltages
A, B (Any Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25V to +25V
Y, Z (Any Mode, Note 5) . . . . . . . . . . . . . . . . . . . -12.5V to +12.5V
RA, RB (Non-QFN Package) . . . . . . . . . . . -0.5V to (VCC + 0.5V)
RA, RB (QFN Package) . . . . . . . . . . . . . . . . -0.5V to (VL + 0.5V)
Output Short Circuit Duration
Y, Z, RA, RB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table
Thermal Resistance (Typical)
θ
JA (°C/W)
θ
JC (°C/W)
20 Ld SSOP Package (Note 6) . . . . . .
55
N/A
40 Ld QFN Package (Notes 7, 8). . . . .
31
2.5
Maximum Junction Temperature (Plastic Package) . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
5. One output at a time, IOUT ≤ 100mA for ≤ 10 minutes.
6.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
8. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Test Conditions: VCC = 3.15V to 3.45V, C1 to C4 = 0.1µF, VL = VCC (for QFN only), Unless Otherwise Specified.
Typicals are at VCC = 3.3V, TA = +25°C (Note 9)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 15)
TYP
MAX
(Note 15) UNITS
DC CHARACTERISTICS - RS-485 DRIVER (485/232 = VCC)
Driver Differential VOUT (no load)
VOD1
Full
-
-
VCC
V
Driver Differential VOUT (with load)
VOD2
R = 50
Ω (RS-422) (Figure 1)
Full
2
2.3
-
V
R = 27
Ω (RS-485) (Figure 1)
Full
1.5
2
5
V
VOD3
RD = 60Ω, R = 375Ω, VCM = -7V to 12V
(Figure 1)
Full
1.5
-
5
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output States
ΔV
OD
R = 27
Ω or 50Ω (Figure 1)
Full
-
0.01
0.2
V
Driver Common-Mode VOUT
VOC
R = 27
Ω or 50Ω (Figure 1)
Full
-
-
3.0
V
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output States
ΔVOC
R = 27
Ω or 50Ω (Figure 1)
Full
-
0.01
0.2
V
Driver Short-Circuit Current,
VOUT = High or Low
IOS
-7V
≤ (VY or VZ) ≤ 12V (Note 11)
Full
35
-
250
mA
Driver Three-State Output Leakage
Current (Y, Z)
IOZ
Outputs Disabled,
VCC = 0V or 3.45V
VOUT = 12V
Full
-
-
150
µA
VOUT = -7V
Full
-150
-
-
µA
DC CHARACTERISTICS - RS-232 DRIVER (485/232 = 0V)
Driver Output Voltage Swing
VO
All TOUTS Loaded with 3kΩ to Ground
Full
±5.0
-
-
V
Driver Output Short-Circuit Current
IOS
VOUT = 0V
Full
-60
-
60
mA
DC CHARACTERISTICS - LOGIC PINS (i.e., DRIVER AND CONTROL INPUT PINS)
Input High Voltage
VIH1
VL = VCC if QFN
Full
2.2
-
V
VIH2
2.7V
≤ VL < 3.0V (QFN Only)
Full
2
-
V
VIH3
2.3V
≤ VL < 2.7V (QFN Only)
Full
1.6
-
V
VIH4
1.6V
≤ VL < 2.3V (QFN Only)
Full
0.7*VL
-V
VIH5
1.2V
≤ VL < 1.6V (QFN Only)
25
-
0.7*VL
-V
ISL3330, ISL3331


Similar Part No. - ISL3330IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330IAZ RENESAS-ISL3330IAZ Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330IAZ-T INTERSIL-ISL3330IAZ-T Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330IAZ-T RENESAS-ISL3330IAZ-T Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
More results

Similar Description - ISL3330IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
   3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com