Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3243EIRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL3243EIRZ
Description  QFN Packaged, ±15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3243EIRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL3243EIRZ Datasheet HTML 2Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 3Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 4Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 5Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 6Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 7Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 8Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 9Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ISL3241E, ISL3243E
6
FN6768.2
June 18, 2012
Receiver Threshold to
Transmitters Enabled Delay (tWU)
25
-
20
-
µs
Receiver Positive or Negative
Threshold to INVALID High Delay
(tINVH)
25
-
0.7
-
µs
Receiver Positive or Negative
Threshold to INVALID Low Delay
(tINVL)
25
-
20
-
µs
RECEIVER INPUTS
Input Voltage Range
Full
-25
-
25
V
Input Threshold Low
VCC ≥ 2.7V
Full
-
-
0.6
V
VCC ≥ 3V
Full
-
-
0.8
V
Input Threshold High
Full
2.0
1.5
-
V
Input Hysteresis
25
-
0.5
-
V
Input Resistance
Full
3
5
7
k
Ω
TRANSMITTER OUTPUTS
Output Voltage Swing (VO)
All Transmitter Outputs Loaded with 3kΩ to
Ground
Full
±5.0
±5.4
-
V
VCC = 2.7V
Full
±4.0
±4.7
-
V
Output Resistance
VCC = VL = V+ = V- = 0V, Transmitter Output = ±2V
Full
300
10M
-
Ω
Output Short-Circuit Current
Full
-
±35
±60
mA
Output Leakage Current
VOUT = ±12V, VCC = VL = 0V or 3V to 3.6V,
Automatic Powerdown or FORCEOFF = SHDN = GND
Full
-
-
±25
µA
TIMING CHARACTERISTICS
Maximum Data Rate
RL = 3kΩ, CL = 1000pF, One Transmitter Switching
Full
250
400
-
kbps
RL = 3kΩ CL = 200pF, VCC = 3.15V, One Transmitter Switching
Full
-
1.3
-
Mbps
Receiver Propagation Delay
Receiver Input to Receiver Output,
CL = 30pF, RIN = ±3V (See Figure 2)
tPHL
25
-
0.23
0.55
µs
Full
-
0.26
0.6
µs
tPLH
25
-
0.16
0.55
µs
Full
-
0.18
0.6
µs
Receiver Skew
|tPHL - tPLH|
25
-
70
300
ns
Full
-
80
350
ns
Transmitter Propagation Delay
Transmitter Input to Transmitter Output,
CL = 1000pF, RL = 3kΩ (See Figure 1)
(Note 7)
tPHL
25
-
0.7
1.5
µs
Full
-
0.8
1.7
µs
tPLH
25
-
0.7
1.5
µs
Full
-
0.8
1.7
µs
Transmitter Skew
|tPHL - tPLH|
25
-
20
500
ns
Full
-
20
550
ns
Receiver Output Enable Time
From EN or FORCEOFF, VL = VCC, RL = 1kΩ, CL = 15pF
(See Figure 3)
25
-
120
-
ns
Receiver Output Disable Time
25
-
200
-
ns
Transmitter Output Enable Time
From Powerdown
From SHDN or FORCEOFF, RL = 3kΩ, CL = 1000pF
25
-
20
-
µs
Electrical Specifications Test Conditions: VCC = 3V to 3.6V, VL = 1.8V ±10%, C1 to C4 = 0.1µF, Unless Otherwise Specified.
Typicals are at TA = +25°C, VCC = 3.3V, VL = 1.8V, Unless Otherwise Specified. Boldface limits apply over the operating temperature range, -40°C
to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS


Similar Part No. - ISL3243EIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3243EIRZ INTERSIL-ISL3243EIRZ Datasheet
554Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
logo
Renesas Technology Corp
ISL3243EIRZ RENESAS-ISL3243EIRZ Datasheet
962Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
logo
Intersil Corporation
ISL3243EIRZ-T INTERSIL-ISL3243EIRZ-T Datasheet
554Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
More results

Similar Description - ISL3243EIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3241E INTERSIL-ISL3241E Datasheet
554Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
logo
Renesas Technology Corp
ISL3241E RENESAS-ISL3241E Datasheet
962Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
logo
Intersil Corporation
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Renesas Technology Corp
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL83386E RENESAS-ISL83386E Datasheet
354Kb / 16P
   ±15kV ESD Protected, 3V to 5.5V, 1μA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
Apr.19.19
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com