Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3159EIBZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL3159EIBZ
Description  ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3159EIBZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL3159EIBZ Datasheet HTML 6Page - Intersil Corporation ISL3159EIBZ Datasheet HTML 7Page - Intersil Corporation ISL3159EIBZ Datasheet HTML 8Page - Intersil Corporation ISL3159EIBZ Datasheet HTML 9Page - Intersil Corporation ISL3159EIBZ Datasheet HTML 10Page - Intersil Corporation ISL3159EIBZ Datasheet HTML 11Page - Intersil Corporation ISL3159EIBZ Datasheet HTML 12Page - Intersil Corporation ISL3159EIBZ Datasheet HTML 13Page - Intersil Corporation ISL3159EIBZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ISL3159E
10
FN6364.2
August 25, 2015
Submit Document Feedback
FIGURE 17. DRIVER AND RECEIVER WAVEFORMS DRIVING 100
FEET (31 METERS) OF CAT5 CABLE (DOUBLE
TERMINATED WITH 120Ω)
FIGURE 18. DRIVER AND RECEIVER WAVEFORMS DRIVING 350
FEET (107 METERS) OF CAT5 CABLE (DOUBLE
TERMINATED WITH 120Ω)
FIGURE 19. RECEIVER OUTPUT CURRENT vs RECEIVER OUTPUT
VOLTAGE
Die Characteristics
SUBSTRATE AND DFN THERMAL PAD POTENTIAL
(POWERED UP):
GND
PROCESS:
Si Gate BiCMOS
Typical Performance Curves V
CC = 5V, TA = +25°C; unless otherwise specified (Continued)
TIME (10ns/DIV)
-3.0
1.5
3.0
-1.5
0
0
5.0
0
5
DI = 40Mbps
RO
DRIVER+CABLE DELAY
(~156ns)
A - B
TIME (10ns/DIV)
-3.0
1.5
3.0
-1.5
0
A - B
0
5.0
0
5
RO
DRIVER+CABLE DELAY
(~480ns)
DI = 40Mbps
RECEIVER OUTPUT VOLTAGE (V)
0
10
20
30
40
50
60
70
VOH, +25°C
VOH, +85°C
VOL, +25°C
VOL, +85°C
VOH, +125°C
VOL, +125°C
01
2
3
4
5


Similar Part No. - ISL3159EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3159EIBZ RENESAS-ISL3159EIBZ Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
More results

Similar Description - ISL3159EIBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com