Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY605JCTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY605JCTR
Description  125MHz WRITE PROGRAMMABLE TIMING EDGE VERNIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY605JCTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY605JCTR Datasheet HTML 1Page - Micrel Semiconductor SY605JCTR Datasheet HTML 2Page - Micrel Semiconductor SY605JCTR Datasheet HTML 3Page - Micrel Semiconductor SY605JCTR Datasheet HTML 4Page - Micrel Semiconductor SY605JCTR Datasheet HTML 5Page - Micrel Semiconductor SY605JCTR Datasheet HTML 6Page - Micrel Semiconductor SY605JCTR Datasheet HTML 7Page - Micrel Semiconductor SY605JCTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SY605
Micrel
AC CHARACTERISTICS
The information in this table is guaranteed but not 100% production tested.
See Figure 2 for a graphical representation.
Maximum Tspan (ns)
Minimum Trigger
Maintaining Linearity
Periods (ns)
of
±1 LSB
4.0
8.0
5.1
10.0
5.8
11.1
6.75
12.5
8.1
14.3
9.9
16.6
12.0
20.0
15.5
25.0
22.0
33.3
ECL input values are -0.9 to -1.7V, with input rise/fall times
≤ 2ns,
measured between the 20% and 80% points. Timing reference
points at 50% for inputs and outputs. OUT and OUT loading with 50
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
fMAX
Trigger Rate(1)
——
125
——
125
——
125
MHz
tWI
Trigger Width High
2.0
1.0
2.0
1.0
2.0
1.0
ns
tWO
Output Pulse Width High Time
2.5
3.5
4.5
2.5
3.5
4.5
2.5
3.5
4.5
ns
Output Pulse Rise/Fall Time (20/80%)
550
750
550
750
550
750
ps
tS
Output Pulse Spacing
Span = 4ns @ 1 LSB
8.0
——
8.0
——
8.0
——
ns
Minimum Delay Time vs. Tspan
∆ T00 / ns (Tspan = 5 to 10ns)
125
220
125
220
125
220
ps/ns
Output Delay
ns
1 LSB
Tspan (Tspan = Tmax - Tmin)
4.0
40
4.0
40
4.0
40
ns
1 LSB
Resolution (Tspan / 225)
15.7
157
15.7
157
15.7
157
ps
Tempo (5ns Span)
∆ Tspan /°C
2
——
2
——
2
ps/
°C
∆ Tmin /°C
2
——
2
——
2
ps/
°C
Power Supply Rejection
60
——
60
——
60
ps/V
(Data = 0-FF HEX, Tspan = 5ns)
tS
CE Setup Time
2.0
——
2.0
——
2.0
——
ns
tH
CE Hold Time
1.5
——
1.5
——
1.5
——
ns
tWH
WRITE Pulse Width High Time
2.0
——
2.0
——
2.0
——
ns
tDS
D0 - D7 Setup Time
1.0
——
1.0
——
1.0
——
ns
tDH
D0 - D7 Hold Time
1.5
——
1.5
——
1.5
——
ns
TA = +0
°CTA = +25°CTA = +70°C
Maximum Tspan and Trigger Rates
NOTE:
1. See chart below:
to -2.0V. Typical values are based on nominal temperature, i.e., and
nominal voltage, i.e., - 5.2V.


Similar Part No. - SY605JCTR

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SY605 LUMINIS-SY605 Datasheet
364Kb / 2P
   Cast aluminum ventilated top cover.
More results

Similar Description - SY605JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY604 MICREL-SY604 Datasheet
78Kb / 8P
   125MHz TRIGGER PROGRAMMABLE TIMING EDGE VERNIER
logo
PhaseLink Corporation
PL611S-18 PLL-PL611S-18 Datasheet
223Kb / 9P
   0.5kHz-125MHz MHz to KHz Programmable ClockTM
logo
Dallas Semiconductor
DS1023 DALLAS-DS1023 Datasheet
261Kb / 16P
   8-Bit Programmable Timing Element
DS1023S-25 DALLAS-DS1023S-25 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
   8-Bit Programmable Timing Element
070505
logo
TE Connectivity Ltd
SCF TEC-SCF Datasheet
181Kb / 1P
   4 user-programmable timing modes
logo
Vitesse Semiconductor C...
VSC6048 VITESSE-VSC6048 Datasheet
204Kb / 18P
   High-Speed Octal Programmable Timing Generator
logo
Maxim Integrated Produc...
DS1123L MAXIM-DS1123L Datasheet
178Kb / 14P
   3.3V, 8-Bit, Programmable Timing Element
Rev 2; 8/07
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
   Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
   Programmable Timing Control Hub for P4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com