Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC5549IM Datasheet(PDF) 5 Page - Intersil Corporation

Part # HC5549IM
Description  Low Power SLIC with Battery Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5549IM Datasheet(HTML) 5 Page - Intersil Corporation

  HC5549IM Datasheet HTML 1Page - Intersil Corporation HC5549IM Datasheet HTML 2Page - Intersil Corporation HC5549IM Datasheet HTML 3Page - Intersil Corporation HC5549IM Datasheet HTML 4Page - Intersil Corporation HC5549IM Datasheet HTML 5Page - Intersil Corporation HC5549IM Datasheet HTML 6Page - Intersil Corporation HC5549IM Datasheet HTML 7Page - Intersil Corporation HC5549IM Datasheet HTML 8Page - Intersil Corporation HC5549IM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN4539.3
Design Equations
Loop Supervision Thresholds
SWITCH HOOK DETECT
The switch hook detect threshold is set by a single external
resistor, RSH. Equation 1 is used to calculate the value of RSH.
The term ISH is the desired DC loop current threshold. The
loop current threshold programming range is from 5mA to
15mA.
GROUND KEY DETECT
The ground key detector senses a DC current imbalance
between the Tip and Ring terminals when the ring terminal is
connected to ground. The ground key detect threshold is not
externally programmable and is internally fixed to 12mA
regardless of the switch hook threshold.
RING TRIP DETECT
The ring trip detect threshold is set by a single external
resistor, RRT. IRT should be set between the peak ringing
current and the peak off hook current while still ringing.
The capacitor CRT, in parallel with RRT, will set the ring trip
response time.
Loop Current Limit
The loop current limit of the device is programmed by the
external resistor RIL. The value of RIL can be calculated
using Equation 3.
The term ILIM is the desired loop current limit. The loop
current limit programming range is from 15mA to 45mA.
Impedance Matching
The impedance of the device is programmed with the
external component RS. RS is the gain setting resistor for
the feedback amplifier that provides impedance matching. If
complex impedance matching is required, then a complex
network can be substituted for RS.
RESISTIVE IMPEDANCE SYNTHESIS
The source impedance of the device, ZO , can be calculated
in Equation 4.
The required impedance is defined by the terminating
impedance and protection resistors as shown in Equation 5.
ON HOOK POWER DISSIPATION
Forward or Reverse
BSEL = 0
-
44
60
mW
Forward or Reverse
BSEL = 1
-
90
150
mW
Low Power Standby
BSEL = 1
-
37
60
mW
OFF HOOK POWER DISSIPATION
Forward or Reverse
BSEL = 0
-
290
310
mW
POWER SUPPLY REJECTION RATIO
VCC to 2-Wire
f = 300Hz
-
40
-
dB
f = 1kHz
-
35
-
dB
f = 3.4kHz
-
28
-
dB
VCC to 4-Wire
f = 300Hz
-
45
-
dB
f = 1kHz
-
43
-
dB
f = 3.4kHz
-
33
-
dB
VBL to 2-Wire
300Hz
≤ f ≤ 3.4kHz
-
30
-
dB
VBL to 4-Wire
300Hz
≤ f ≤ 3.4kHz
-
35
-
dB
VBH to 2-Wire
300Hz
≤ f ≤ 3.4kHz
-
33
-
dB
VBH to 4-Wire
300Hz
≤ f ≤ 1kHz
-
40
-
dB
1kHz
< f ≤ 3.4kHz
-
45
-
dB
Electrical Specifications
Unless Otherwise Specified, TA = -40°C to 85°C, VBL = -24V, VBH = -48V, VCC = +5V, AGND = BGND = 0V, loop
current limit = 25mA. All AC Parameters are specified at 600
Ω 2-wire terminating impedance over the frequency
band of 300Hz to 3.4kHz. Protection resistors = 0
Ω. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RSH
600 ISH
=
(EQ. 1)
RRT
1800 IRT
=
(EQ. 2)
RIL
1760
ILIM
-------------
=
(EQ. 3)
RS
400 ZO
()
=
(EQ. 4)
ZO
ZL 2RP
=
(EQ. 5)
HC5549


Similar Part No. - HC5549IM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5549IM INTERSIL-HC5549IM Datasheet
87Kb / 13P
   Low Power SLIC with Battery Switch
January 1999
HC5549IM INTERSIL-HC5549IM Datasheet
293Kb / 13P
   Low Power SLIC with Battery Switch
logo
Renesas Technology Corp
HC5549IM RENESAS-HC5549IM Datasheet
694Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
More results

Similar Description - HC5549IM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC5549 RENESAS-HC5549 Datasheet
694Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Intersil Corporation
HC5549 INTERSIL-HC5549_04 Datasheet
293Kb / 13P
   Low Power SLIC with Battery Switch
HC5549 INTERSIL-HC5549 Datasheet
87Kb / 13P
   Low Power SLIC with Battery Switch
January 1999
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
L7556 AGERE-L7556 Datasheet
700Kb / 28P
   Low-Power SLICs with Battery Switch
L7585F AGERE-L7585F Datasheet
441Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
L7585G AGERE-L7585G Datasheet
446Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
L7554 AGERE-L7554 Datasheet
486Kb / 28P
   L7554 Low-Power SLIC
logo
Sipex Corporation
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com