Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10H842 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10H842
Description  SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H842 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10H842 Datasheet HTML 1Page - Micrel Semiconductor SY10H842 Datasheet HTML 2Page - Micrel Semiconductor SY10H842 Datasheet HTML 3Page - Micrel Semiconductor SY10H842 Datasheet HTML 4Page - Micrel Semiconductor SY10H842 Datasheet HTML 5Page - Micrel Semiconductor SY10H842 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Pin
Function
GT
TTL Ground (0V)
VT
TTL VCC (+5.0V)
VE
ECL VCC (+5.0V)
GE
ECL Ground (0V)
D, D
Signal Input (PECL)
VBB
VBB Reference Output (PECL)
Q0 - Q3
Signal Outputs (TTL)
EN
Enable Input (PECL)
DESCRIPTION
FEATURES
ClockWorks™
SY10H842
SY100H842
s Translates positive ECL-to-TTL (PECL-to-TTL)
s 300ps pin-to-pin skew
s 500ps part-to-part skew
s Differential internal design for increased noise
immunity and stable threshold inputs
s VBB reference output
s Single supply
s Enable input
s Extra TTL and ECL power/ground pins to reduce
cross-talk/noise
s High drive capability: 24mA each output
s Fully compatible with industry standard 10K, 100K
I/O levels
s Available in 16-pin SOIC package
The SY10/100H842 are single supply, low skew
translating 1:4 clock drivers.
The devices feature a 24mA TTL output stage, with
AC performance specified into a 50pF load capacitance.
A HIGH on the enable pin (EN) forces all outputs LOW.
As frequencies increase to 40MHz and above, precise
timing and shaping of clock signals becomes extremely
important. The H842 solves several clock distribution
problems such as minimizing skew 300ps), maximizing
clock fanout (24mA drive), and precise duty cycle control
through a proprietary differential internal design.
The 10K version is compatible with 10KH ECL logic
levels. The 100K version is compatible with 100K levels.
PIN CONFIGURATION
SINGLE SUPPLY
QUAD PECL-TO-TTL
OUTPUT ENABLE
PIN NAMES
BLOCK DIAGRAM
D
D
Q0
Q1
Q2
Q3
VBB
EN
ECL Input
TTL Outputs
Rev.: E
Amendment: /1
Issue Date: August, 1999
GT
Q3
SOIC
Z16-1
116
GT
2
15
GE
Q2
314
VE
VT
4
13
VT
512
Q1
6
11
VBB
GT
710
GT
Q0
8
9
EN
D
D
1


Similar Part No. - SY10H842

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H842 MICREL-SY10H842 Datasheet
68Kb / 7P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842LZC MICREL-SY10H842LZC Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842LZC MICREL-SY10H842LZC Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
More results

Similar Description - SY10H842

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H842 MICREL-SY10H842_06 Datasheet
68Kb / 7P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H841 MICREL-SY10H841_06 Datasheet
68Kb / 7P
   SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841 MICREL-SY10H841 Datasheet
72Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841L MICREL-SY10H841L Datasheet
78Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com