Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4002B Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # IW4002B
Description  Noise margin
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IW4002B Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  IW4002B Datasheet HTML 1Page - IK Semicon Co., Ltd IW4002B Datasheet HTML 2Page - IK Semicon Co., Ltd IW4002B Datasheet HTML 3Page - IK Semicon Co., Ltd IW4002B Datasheet HTML 4Page - IK Semicon Co., Ltd IW4002B Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IW4002B
N SUFFIX PLASTIC DIP
(MS - 001AA)
A
B
F
G
D
L
H
SEATING
PLANE
N
K
0.25 (0.010) M
T
M
J
-T-
C
1
14
7
8
Dimensions, mm
Symbol
MIN
MAX
A
18.67
19.69
B
6.10
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
2.54
H
7.62
J
0
°
10
°
K
2.92
3.81
L
7.62
8.26
NOTES:
1.
Dimensions “A”, “B” do not include mold flash or protrusions. Maximum
mold flash or protrusions 0.25 mm (0.010) per side.
M
0.20
0.36
N
Rev. 00
D SUFFIX SOIC
0.38
(MS - 012AB)
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
14
7
8
Dimensions, mm
Symbol.
MIN
MAX
A
8.55
8.75
B
3.80
4.00
C
1.35
1.75
D
0.33
0.51
F
0.40
1.27
G
1.27
H
5.72
J
0
°
8
°
K
0.10
0.25
M
0.19
0.25
NOTES:
P
5.80
6.20
1.Dimensions A and B do not include mold flash or protrusion.
2.Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for
B - 0.25 mm (0.010) per side.
R
0.25
0.50


Similar Part No. - IW4002B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4002B ETC1-IW4002B Datasheet
108Kb / 4P
   Dual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS
IW4002BD ETC1-IW4002BD Datasheet
108Kb / 4P
   Dual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS
IW4002BN ETC1-IW4002BN Datasheet
108Kb / 4P
   Dual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS
More results

Similar Description - IW4002B

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4011B IKSEMICON-IW4011B Datasheet
156Kb / 5P
   Noise margin
IW4012B IKSEMICON-IW4012B Datasheet
155Kb / 5P
   Noise margin
logo
Linear Technology
LTC4313-1 LINER-LTC4313-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
logo
List of Unclassifed Man...
2412003A1000 ETC2-2412003A1000 Datasheet
1Mb / 4P
   Increased bandwidth and signal-to-noise margin
NP289 ETC2-NP289 Datasheet
1Mb / 4P
   Increased bandwidth and signal-to-noise margin
logo
Linear Dimensions Semic...
LTC4313-1 LINEAR_DIMENSIONS-LTC4313-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
logo
Linear Technology
LTC4313-1 LINER-LTC4313-1_15 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4315 LINER-LTC4315 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
LTC4313-2 LINER-LTC4313-2_15 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4313-3 LINER-LTC4313-3_15 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com