Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4002B Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # IW4002B
Description  Noise margin
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IW4002B Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IW4002B Datasheet HTML 1Page - IK Semicon Co., Ltd IW4002B Datasheet HTML 2Page - IK Semicon Co., Ltd IW4002B Datasheet HTML 3Page - IK Semicon Co., Ltd IW4002B Datasheet HTML 4Page - IK Semicon Co., Ltd IW4002B Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IW4002B
AC ELECTRICAL CHARACTERISTICS (CL=50pF, RL=200kΩ, Input tr=tf=20 ns)
Rev. 00
VCC
Guaranteed Limit
Symbol
Parameter
V
Unit
≥-55°C
25
°C
≤125°C
tPLH, tPHL
Maximum Propagation Delay, Input A, B,C
or D to Output Y (Figure 1)
5.0
10
15
250
120
90
250
120
90
500
240
180
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
Figure 1. Switching Waveforms
EXPANDED LOGIC DIAGRAM
(1/2 of the Device)


Similar Part No. - IW4002B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4002B ETC1-IW4002B Datasheet
108Kb / 4P
   Dual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS
IW4002BD ETC1-IW4002BD Datasheet
108Kb / 4P
   Dual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS
IW4002BN ETC1-IW4002BN Datasheet
108Kb / 4P
   Dual 4-Input NOR Gate High-Voltage Silicon-Gate CMOS
More results

Similar Description - IW4002B

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4011B IKSEMICON-IW4011B Datasheet
156Kb / 5P
   Noise margin
IW4012B IKSEMICON-IW4012B Datasheet
155Kb / 5P
   Noise margin
logo
Linear Technology
LTC4313-1 LINER-LTC4313-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
logo
List of Unclassifed Man...
2412003A1000 ETC2-2412003A1000 Datasheet
1Mb / 4P
   Increased bandwidth and signal-to-noise margin
NP289 ETC2-NP289 Datasheet
1Mb / 4P
   Increased bandwidth and signal-to-noise margin
logo
Linear Dimensions Semic...
LTC4313-1 LINEAR_DIMENSIONS-LTC4313-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
logo
Linear Technology
LTC4313-1 LINER-LTC4313-1_15 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4315 LINER-LTC4315 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
LTC4313-2 LINER-LTC4313-2_15 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4313-3 LINER-LTC4313-3_15 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com