Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10H641L Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10H641L
Description  3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H641L Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10H641L Datasheet HTML 1Page - Micrel Semiconductor SY10H641L Datasheet HTML 2Page - Micrel Semiconductor SY10H641L Datasheet HTML 3Page - Micrel Semiconductor SY10H641L Datasheet HTML 4Page - Micrel Semiconductor SY10H641L Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ClockWorks™
PRELIMINARY
SY10H641L
SY100H641L
Micrel
D
LEN
/EN
Q
LL
LL
HL
L
H
XH
L
Q0
XX
H
L
TRUTH TABLE
Symbol
Rating
Value
Unit
VE (ECL)
Power Supply
–0.5 to +7.0
V
VT (TTL)
Voltage
–0.5 to +7.0
VI (ECL)
Input Voltage
0.0 to VE
V
VOUT (TTL)
Disabled 3-State
0.0 to VT
V
Output
IOUT (ECL)
Output Current
mA
- Continuous
50
- Surge
100
Tstore
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +85
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Do not exceed.
DC ELECTRICAL CHARACTERISTICS
VT = VE = +3.0V to +3.6V
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IEE
Power Supply Current
ECL
30
30
30
mA
VE Pin
ICCH
TTL
30
30
30
Total all VT pins
ICCL
—35
35
35
TTL DC ELECTRICAL CHARACTERISTICS
VT = VE = +3.0V to +3.6V
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
VOH
Output HIGH Voltage
2.0
2.0
2.0
V
IOH = –3.0mA
VOL
Output LOW Voltage
0.5
0.5
0.5
V
IOL = 24mA
IOS
Output Short Circuit Current
–100
–100
–100
mA
VOUT = 0V
VT = VE = +3.0V to +3.6V
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IIH
Input HIGH Current
225
175
175
µA—
IIL
Input LOW Current
0.5
0.5
0.5
µA—
VIH
Input HIGH Voltage(1)
2.130
2.460
2.170
2.490
2.240
2.580
V
VE = 3.3V
VIL
Input LOW Voltage(1)
1.350
1.820
1.350
1.820
1.350
1.855
V
VE = 3.3V
VBB
Output Reference Voltage(1)
1.920
2.030
1.950
2.050
1.990
2.110
V
VE = 3.3V
NOTE:
1. VIH, VIL and VBB are referenced to VE and will vary 1:1 with the power supply. The levels shown are for VE = +3.3V.
10H ECL DC ELECTRICAL CHARACTERISTICS


Similar Part No. - SY10H641L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H641L MICREL-SY10H641L Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641LJC MICREL-SY10H641LJC Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641LJCTR MICREL-SY10H641LJCTR Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641LJZ MICREL-SY10H641LJZ Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641LJZTR MICREL-SY10H641LJZTR Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
More results

Similar Description - SY10H641L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H641L MICREL-SY10H641L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY10H641 MICREL-SY10H641 Datasheet
84Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641 MICREL-SY10H641_06 Datasheet
73Kb / 6P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641A MICREL-SY10H641A Datasheet
127Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H646L MICREL-SY10H646L_06 Datasheet
78Kb / 7P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H646L MICREL-SY10H646L Datasheet
92Kb / 6P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641_06 Datasheet
137Kb / 10P
   Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com