Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP58VKCTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10EP58VKCTR
Description  5V/3.3V 2:1 MULTIPLEXER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP58VKCTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10EP58VKCTR Datasheet HTML 1Page - Micrel Semiconductor SY10EP58VKCTR Datasheet HTML 2Page - Micrel Semiconductor SY10EP58VKCTR Datasheet HTML 3Page - Micrel Semiconductor SY10EP58VKCTR Datasheet HTML 4Page - Micrel Semiconductor SY10EP58VKCTR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SY10EP58V
Micrel
Symbol
Rating
Value
Unit
V
CC
Power Supply Voltage (V
EE = 0)
–6.0 to 0
Vdc
V
EE
Power Supply Voltage (V
CC = 0)
+6.0 to 0
Vdc
V
I
Input Voltage (V
CC = 0V)
–6.0 to 0
Vdc
V
I
Input Voltage (V
EE = 0V)
+6.0 to 0
Vdc
I
OUT
Output Current
–Continuous
50
mA
–Surge
100
T
A
Operating Temperature Range
–40 to +85
°C
T
store
Storage Temperature Range
–65 to +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions for extended
periods may affect device reliability.
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
I
EE
Power Supply Current(2)
20
40
20
30
40
22
40
mA
V
OH
Output HIGH Voltage(3)
V
CC –1135
V
CC –885
V
CC –1070
V
CC –945
V
CC –820
V
CC –1010
V
CC –760
mV
V
OL
Outuput LOW Voltage(3)
V
CC –1935 VCC –1685 VCC –1870 VCC –1745 VCC –1620 VCC –1810 VCC –1560
mV
V
IH
Input HIGH Voltage
V
CC –1210
V
CC –885
V
CC –1145
V
CC –820
V
CC –1085
V
CC –760
mV
V
IL
Input LOW Voltage
V
CC –1935 VCC –1610 VCC –1870
V
CC –1545 VCC –1810 VCC –1485
mV
I
IH
Input HIGH Current
150
150
150
µA
I
IL
Input LOW Current
D
0.5
0.5
0.5
µA
DC ELECTRICAL CHARACTERISTICS(1)
NOTES:
1. 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
2. V
CC = 0V, VEE = –3.3V, all other pins floating.
3. All loading with 50
Ω to V
CC –3.0V.
4. Input and output parameters vary 1:1 with V
CC.
V
CC = 0V; VEE = –5.5V to –3.0V or VCC = +3.3V ±10%; VEE = 0V or VCC = +5.0V ±10%, VEE = 0V
(4)


Similar Part No. - SY10EP58VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP58VKG MICREL-SY10EP58VKG Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58VKGTR MICREL-SY10EP58VKGTR Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58VKI MICREL-SY10EP58VKI Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58VKITR MICREL-SY10EP58VKITR Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
More results

Similar Description - SY10EP58VKCTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V Datasheet
55Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
SY100EL56V MICREL-SY100EL56V_06 Datasheet
50Kb / 5P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
SY89208V MICREL-SY89208V_05 Datasheet
159Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
logo
Micrel Semiconductor
SY89208V MICREL-SY89208V Datasheet
243Kb / 7P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
SY10EP58V MICREL-SY10EP58V_06 Datasheet
832Kb / 9P
   3.3V/5V 3GHz PECL/ECL 2:1 MULTIPLEXER
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com