Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY77778-51 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY77778-51
Description  Power Amplifier Module for LTE FDD Band 7
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77778-51 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY77778-51 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77778-51 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202200C • Skyworks Proprietary and Confidential Information. • Products and product information are subject to change without notice. • February 18, 2014
1
PRODUCT SUMMARY
SKY77778-51 Power Amplifier Module for LTE FDD Band 7
(2500–2570 MHz), Band 30 (2305–2315 MHz); LTE TDD Bands
38/41 (2496–2690 MHz), Band 40 (2300–2400 MHz);
AXGP Band (2545–2575 MHz)
Applications
• Long-Term Evolution (LTE)
• Evolved Universal
Terrestrial Radio Access
Networks (EUTRAN)
• Handsets and Data Cards
Features
• Performance optimized for
FDD Bands 7 and 30, and
coverage in TDD Bands 38,
40, and 41, and AXGP
Band
• Optimized for Average
Power Tracking (APT) /
Compatible with Envelope
Tracking Controller (ETC)
implementation
• High efficiency Broadband
2.3 GHz to 2.69 GHz
• Supports modulation
bandwidth up to 20 MHz
• Small, low profile package
- 2 mm x 2.5 mm x 0.9 mm
- 10-pad configuration
• MIPI RFFE interface
• VCC2 decoupling caps
< 125 pF
Description
The SKY77778-51 Power Amplifier Module (PAM) is a fully matched, 10-pad surface mount (SMT)
module developed for LTE applications. The module includes broadband coverage of LTE FDD Bands
7 and 30, LTE TDD Bands 38, 40, 41, and AXGP Band in a compact 2.0 mm x 2.5 mm package.
Attaining high efficiencies throughout the entire power range while meeting the stringent linearity
requirements of LTE, the SKY77778-51 delivers unsurpassed savings in current consumption for
data-intensive applications.
The Gallium Arsenide (GaAs) Microwave Monolithic Integrated Circuit (MMIC) contains all amplifier
active circuitry, including input, interstage, and output matching circuits. Output match into a 50-ohm
load, realized off-chip within the module package, optimizes efficiency and power performance. The
silicon CMOS support die, providing precision biasing for the MMIC affords a true CMOS-compatible
control interface.
The SKY77778-51 is manufactured with Skyworks' InGaP GaAs Heterojunction Bipolar Transistor
(HBT) process which provides for all positive voltage DC supply operation and maintains high
efficiency and good linearity. Optimal performance is obtained with VCC1 and VCC2 sourced from a
DC-DC power supply based on target output power levels. No external supply side switch is needed
as typical "off" leakage is a few microamperes.


Similar Part No. - SKY77778-51

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77778-11 SKYWORKS-SKY77778-11 Datasheet
92Kb / 2P
   Power Amplifier Module for LTE FDD Band 7
SKY77778-21 SKYWORKS-SKY77778-21 Datasheet
94Kb / 2P
   Power Amplifier Module for LTE FDD Band 7
SKY77778-61 SKYWORKS-SKY77778-61 Datasheet
91Kb / 2P
   SKY77778-61 Power Amplifier Module for LTE FDD Band 7
More results

Similar Description - SKY77778-51

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77814-11 SKYWORKS-SKY77814-11 Datasheet
104Kb / 2P
   Power Amplifier Module for LTE FDD Band 7
SKY77778-11 SKYWORKS-SKY77778-11 Datasheet
92Kb / 2P
   Power Amplifier Module for LTE FDD Band 7
SKY77778-21 SKYWORKS-SKY77778-21 Datasheet
94Kb / 2P
   Power Amplifier Module for LTE FDD Band 7
SKY77781-11 SKYWORKS-SKY77781-11 Datasheet
91Kb / 2P
   Power Amplifier Module for LTE FDD Band 7 and Band 30
SKY77778-61 SKYWORKS-SKY77778-61 Datasheet
91Kb / 2P
   SKY77778-61 Power Amplifier Module for LTE FDD Band 7
SKY77753 SKYWORKS-SKY77753 Datasheet
80Kb / 2P
   Power Amplifier Module for Penta-Band FDD LTE
SKY77807 SKYWORKS-SKY77807 Datasheet
75Kb / 2P
   Quad-Band Power Amplifier Module for FDD-TDD LTE
SKY77822-21 SKYWORKS-SKY77822-21 Datasheet
533Kb / 2P
   Power Amplifier Module for FDD LTE Bands 7 and 30
SKY77824-11 SKYWORKS-SKY77824-11 Datasheet
97Kb / 2P
   Power Amplifier Module for FDD LTE Bands 7 and 30
SKY77709 SKYWORKS-SKY77709 Datasheet
75Kb / 2P
   Power Amplifier Module for LTE FDD Band VII (2300-2400 MHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com