Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP01VZCTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10EP01VZCTR
Description  5V/3.3V 4-INPUT OR/NOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP01VZCTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10EP01VZCTR Datasheet HTML 1Page - Micrel Semiconductor SY10EP01VZCTR Datasheet HTML 2Page - Micrel Semiconductor SY10EP01VZCTR Datasheet HTML 3Page - Micrel Semiconductor SY10EP01VZCTR Datasheet HTML 4Page - Micrel Semiconductor SY10EP01VZCTR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY10EP01V
Micrel
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
f
MAX
Maximum Toggle Frequency(1)
——
3
———
GHz
t
PLH
Propagation Delay to
t
PHL
Output Differential
D➝ Q, /Q
100
300
150
200
250
200
300
ps
t
SKEW
Device Skew(2)
——
5.0
20
20
ps
t
r
Output Rise/Fall Times
Q
60
180
60
110
180
70
180
ps
t
f
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS
V
CC = 0V; VEE = –5.5V to –3.0V or VCC = +3.3V ±10%; VEE = 0V or VCC = +5.0V ±10%, VEE = 0V
NOTES:
1. f
MAX guaranteed for functionality only.
2. Skew difference between all inputs to output. Parameter not tested.
PRODUCT ORDERING INFORMATION
Ordering
Package
Operating
Code
Type
Range
SY10EP01VZC
Z8-1
Commercial
SY10EP01VZCTR
Z8-1
Commercial
SY10EP01VKC
K8-1
Commercial
SY10EP01VKCTR
K8-1
Commercial


Similar Part No. - SY10EP01VZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP01VZCTR MICREL-SY10EP01VZCTR Datasheet
491Kb / 6P
   5V/3.3V 4-INPUT OR/NOR
More results

Similar Description - SY10EP01VZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP01V MICREL-SY10EP01V_06 Datasheet
491Kb / 6P
   5V/3.3V 4-INPUT OR/NOR
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01 Datasheet
83Kb / 10P
   3.3V / 5V ECL 4-Input OR/NOR
June, 2004 ??Rev. 6
MC10EL01 ONSEMI-MC10EL01_06 Datasheet
144Kb / 9P
   5V ECL 4-Input OR/NOR
December, 2006 ??Rev. 5
MC10EP01 ONSEMI-MC10EP01_06 Datasheet
156Kb / 10P
   3.3V / 5V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 8
MC10EP101 ONSEMI-MC10EP101_06 Datasheet
154Kb / 9P
   3.3V / 5V ECL Quad 4?묲nput OR/NOR
November, 2006 ??Rev. 11
MC10E101 ONSEMI-MC10E101_06 Datasheet
124Kb / 7P
   5VECL Quad 4-Input OR/NOR Gate
November, 2006 ??Rev. 8
MC10EL01 ONSEMI-MC10EL01 Datasheet
70Kb / 2P
   4-Input OR/NOR
1996 REV 2
logo
Micrel Semiconductor
SY10EL01 MICREL-SY10EL01 Datasheet
47Kb / 4P
   4-INPUT OR/NOR
logo
Semtech Corporation
SK10EL01WD SEMTECH-SK10EL01WD Datasheet
108Kb / 4P
   4-input OR / NOR
logo
Micrel Semiconductor
SY10EL01 MICREL-SY10EL01_06 Datasheet
49Kb / 4P
   4-INPUT OR/NOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com