Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-93120FG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-93120FG
Description  2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-93120FG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-93120FG_15 Datasheet HTML 1Page - Optoway Technology Inc SPS-93120FG_15 Datasheet HTML 2Page - Optoway Technology Inc SPS-93120FG_15 Datasheet HTML 3Page - Optoway Technology Inc SPS-93120FG_15 Datasheet HTML 4Page - Optoway Technology Inc SPS-93120FG_15 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-93120FG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008 V2.0
1
SPS-93120FG / sPS-93120BFG / SPS-93120AFG
(RoHS Compliant)
3.3V / 1550 nm / 2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
*********************************************************************************************************************************************************************
FEATURES
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l Compliant with Fibre Channel 1X/2X SM-LC-L FC-PI
l Compliant with IEEE 802.3z 1000BASE
l 1550 nm DFB LD Transmitter
l 30 dB Power Budget at Least
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: SPS-93120FG
l -10 to 85oC Operation: SPS-93120BFG
l -40 to 85oC Operation: SPS-93120AFG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l ATM Switches and Routers
l SONET / SDH Switch Infrastructure
l XDSL Applications
l Metro Edge Switching
DESCRIPTION
The SPS-93120FG series single mode transceivers is small
form factor pluggable module for bi-directional serial
optical data communications such as Gigabit Ethernet and
Fiber Channel 1x/2x SM-LC-L FC-PI. It is with the SFP
20-pin connector to allow hot plug capability. This module
is designed for single mode fiber and operates at a nominal
wavelength of 1550 nm. A guaranteed minimum optical
link budget of 30 dB is offered which can correspond to a
link distance of over 120 km (assuming worst case fiber loss
of 0.22 dB/km). The transmitter section uses a multiple
quantum well 1550 nm DFB laser and is a class 1 laser
compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated InGaAs
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
FC-PI
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPS-93120FG
2.125/1.063
200/100
120
1550 DFB
LC SFP
0 to 70-
5 to 0
-30
Yes
SPS-93120BFG
2.125/1.063
200/100
120
1550 DFB
LC SFP
-10 to 85-
5 to 0
-30
Yes
SPS-93120AFG
2.125/1.063
200/100
120
1550 DFB
LC SFP
-40 to 85-
5 to 0
-30
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
SPS-93120FG
SPS-93120BFG
SPS-93120AFG
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC / SPS-93120FG
oC / SPS-93120BFG
oC / SPS-93120AFG
Power Supply Current
ICC (TX+RX)
230
300
mA
Data Rate
1000
2125
Mb/s


Similar Part No. - SPS-93120FG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93120FG OPTOWAY-SPS-93120FG_08 Datasheet
148Kb / 5P
   3.3V / 1550 nm / 2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-93120FG_2015 OPTOWAY-SPS-93120FG_2015 Datasheet
148Kb / 5P
   2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-93120FG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9380FG_2015 OPTOWAY-SPS-9380FG_2015 Datasheet
148Kb / 5P
   2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-9110FG_2015 OPTOWAY-SPS-9110FG_2015 Datasheet
148Kb / 5P
   2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-9140FG OPTOWAY-SPS-9140FG_15 Datasheet
148Kb / 5P
   2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-9140FG_2015 OPTOWAY-SPS-9140FG_2015 Datasheet
148Kb / 5P
   2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380F-CXX0G_2015 OPTOWAY-SPS-9380F-CXX0G_2015 Datasheet
151Kb / 5P
   2.125 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380FG OPTOWAY-SPS-9380FG_15 Datasheet
148Kb / 5P
   2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-93120FG_2015 OPTOWAY-SPS-93120FG_2015 Datasheet
148Kb / 5P
   2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-93120F-CXX0G OPTOWAY-SPS-93120F-CXX0G_15 Datasheet
150Kb / 5P
   2.125 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120F-CXX0G_2015 OPTOWAY-SPS-93120F-CXX0G_2015 Datasheet
150Kb / 5P
   2.125 Gbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-9110FG OPTOWAY-SPS-9110FG_15 Datasheet
148Kb / 5P
   2.125 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com