Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100ELT22ZC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100ELT22ZC
Description  DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100ELT22ZC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100ELT22ZC Datasheet HTML 1Page - Micrel Semiconductor SY100ELT22ZC Datasheet HTML 2Page - Micrel Semiconductor SY100ELT22ZC Datasheet HTML 3Page - Micrel Semiconductor SY100ELT22ZC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10ELT22
SY100ELT22
Micrel
TA = -40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min. Max. Min. Max. Min. Max. Min. Max. Unit
Condition
ICC
Power Supply Current
30
30
30
30
mA
TRUTH TABLE
DQ
Q
HH
L
LL
H
Open
H
L
DC ELECTRICAL CHARACTERISTICS(1)
VCC = VCC (Min.) to VCC (Max.)
AC ELECTRICAL CHARACTERISTICS(1)
VCC = VCC (Min.) to VCC (Max.)
NOTE:
1. Parametric values specified at:
5 volt Power Supply Range
100ELT22 Series:
+4.2V to +5.5V.
10ELT22 Series
+4.75V to +5.5V.
NOTE:
1. Parametric values specified at:
5 volt Power Supply Range
100ELT22 Series:
+4.2V to +5.5V.
10ELT22 Series
+4.75V to +5.5V.
2. Guaranteed, but not tested.
3. Same transition @common VCC levels.
Symbol
Paramter
Value
Unit
VCC
Power Supply Voltage
–0.5 to +7.0
V
VI
TTL Input Voltage
–0.5 to VCC
V
II
TTL Input Current
–30 to +5.0
mA
IOUT
PECL Output Current
mA
— Continuous
50
— Surge
100
Tstore
Storage Temperature
–65 to +150
°C
Tamb
Operating Temperature
–40 to +85
°C
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS
are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections
of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions
for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
TA = -40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max. Min. Max. Min. Max. Min. Max. Unit
Condition
tPLH
Propagation Delay to Output D,
100
600
100
600
100
600
100
600
ps
50
Ω to VCC – 2.0V
tPHL
ENECL/ENTTL
tr
Output Rise/Fall Time
200
500
200
500
200
500
200
500
ps
50
Ω to VCC – 2.0V
tf
20% to 80%
tskpp
Part-to-Part Skew(2)
500
500
500
500
ps
50
Ω to VCC – 2.0V
tskew
Within-Device Skew(2,3)
100
100
100
100
ps
50
Ω to VCC – 2.0V


Similar Part No. - SY100ELT22ZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100ELT22ZC MICREL-SY100ELT22ZC Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY100ELT22ZC MICREL-SY100ELT22ZC Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY100ELT22ZCTR MICREL-SY100ELT22ZCTR Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY100ELT22ZCTR MICREL-SY100ELT22ZCTR Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
More results

Similar Description - SY100ELT22ZC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
List of Unclassifed Man...
SY10ELT23 ETC2-SY10ELT23 Datasheet
140Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23 Datasheet
81Kb / 3P
   Dual Differential PECL to TTL Translator
1996 REV 3
MC10ELT22 ONSEMI-MC10ELT22 Datasheet
81Kb / 3P
   Dual TTL to Differential PECL Translator
REV 3
logo
Micrel Semiconductor
SY10ELT23 MICREL-SY10ELT23 Datasheet
51Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_03 Datasheet
61Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com