Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320DAC3101 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV320DAC3101
Description  Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320DAC3101 Datasheet(HTML) 5 Page - Texas Instruments

  TLV320DAC3101_15 Datasheet HTML 1Page - Texas Instruments TLV320DAC3101_15 Datasheet HTML 2Page - Texas Instruments TLV320DAC3101_15 Datasheet HTML 3Page - Texas Instruments TLV320DAC3101_15 Datasheet HTML 4Page - Texas Instruments TLV320DAC3101_15 Datasheet HTML 5Page - Texas Instruments TLV320DAC3101_15 Datasheet HTML 6Page - Texas Instruments TLV320DAC3101_15 Datasheet HTML 7Page - Texas Instruments TLV320DAC3101_15 Datasheet HTML 8Page - Texas Instruments TLV320DAC3101_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
TLV320DAC3101
www.ti.com
SLAS666A – JANUARY 2010 – REVISED MAY 2012
Table 2-1. TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
MICBIAS
12
Microphone bias for external microphone
NC
4,15
I
No connecton
RESET
31
I
Device reset
SCL
10
I/O
I2C control bus clock input
SDA
9
I/O
I2C control bus data input
SPLM
19
O
Left-channel class-D speaker-driver inverting output
SPLP
22
O
Left-channel class-D speaker-driver noninverting output
SPLVDD
21
Left-channel class-D speaker-driver power supply
SPLVSS
20
Left-channel class-D speaker-driver power supply ground
SPRM
23
O
Right-channel class-D speaker-driver inverting output
SPRP
26
O
Right-channel class-D speaker-driver noninverting output
SPRVDD
24
Right-channel class-D speaker-driver power supply
SPRVSS
25
Right-channel class-D speaker-driver power-supply ground
Volume control or headphone detection. Note that microphone detection is also available on
VOL/MICDET
11
I
devices that have an ADC.
WCLK
6
I/O
Audio serial word clock
3
ELECTRICAL SPECIFICATIONS
3.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
AVDD to AVSS
–0.3 to 3.9
V
DVDD to DVSS
–0.3 to 2.5
V
HPVDD to HPVSS
–0.3 to 3.9
V
SPLVDD to SPLVSS
–0.3 to 6
V
SPRVDD to SPRVSS
–0.3 to 6
V
IOVDD to IOVSS
–0.3 to 3.9
V
Digital input voltage
IOVSS – 0.3 to IOVDD + 0.3
V
Analog input voltage
AVSS – 0.3 to AVDD + 0.3
V
Operating temperature range
–40 to 85
°C
Storage temperature range
–55 to 150
°C
Junction temperature (TJ Max)
105
°C
Power dissipation
(TJ Max – TA)/RθJA
W
RθJA thermal impedance (with thermal pad soldered to board)
35
°C/W
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Table 3-1. System Thermal Characteristics(1)
Power Rating at 25°C
Derating Factor
Power Rating at 70°C
Power Rating at 85°C
2.3 W
28.57 mW/°C
1 W
0.6 W
(1)
This data was taken using 2-oz. (0.071-mm thick) trace and copper pad that is soldered to a JEDEC high-K, standard 4-layer 3-in. × 3-
in. (7.62-cm × 7.62-cm) PCB.
Copyright © 2010–2012, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
5
Submit Documentation Feedback
Product Folder Link(s): TLV320DAC3101


Similar Part No. - TLV320DAC3101_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3101 TI1-TLV320DAC3101_14 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320DAC3101_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3101 TI1-TLV320DAC3101_14 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI1-TLV320DAC3101 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_16 Datasheet
1Mb / 132P
[Old version datasheet]   TLV320AIC3110 Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_14 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com