Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL52ZCTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EL52ZCTR
Description  DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL52ZCTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EL52ZCTR Datasheet HTML 1Page - Micrel Semiconductor SY100EL52ZCTR Datasheet HTML 2Page - Micrel Semiconductor SY100EL52ZCTR Datasheet HTML 3Page - Micrel Semiconductor SY100EL52ZCTR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
s 365ps propagation delay
s 2.0GHz toggle frequency
s Internal 75K
input pull-down resistors
s Available in 8-pin SOIC package
The SY10/100EL52 are differential data, differential
clock D flip-flops. These devices are functionally
equivalent to the E452 devices, with higher performance
capabilities. With propagation delays and output transition
times significantly faster than the E452, the EL52 is ideally
suited for those applications which require the ultimate
in AC performance.
Data enters the master portion of the flip-flop when
the clock is LOW and is transferred to the slave, and
thus the outputs, upon a positive transition of the clock.
The differential clock inputs also allow the EL52 to be
used as a negative edge triggered device.
The EL52 employs input clamping circuitry so that,
under open input conditions (pulled down to VEE), the
outputs of the device will remain stable.
FEATURES
DIFFERENTIAL DATA AND
CLOCK D FLIP-FLOP
PIN CONFIGURATION/BLOCK DIAGRAM
D
CLK
Q
LZ
L
HZ
H
NOTE:
1. Z = LOW-to-HIGH transition.
SOIC
TOP VIEW
Pin
Function
D
Data Input
CLK
Clock Input
Q
Data Output
1
2
3
45
6
7
8
DVCC
Q
VEE
Q
CLK
Flip-Flop
D
CLK
D
Rev.: F
Amendment: /0
Issue Date:
August, 1998
SY10EL52
SY100EL52
TRUTH TABLE(1)
PIN NAMES
1


Similar Part No. - SY100EL52ZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL52ZCTR MICREL-SY100EL52ZCTR Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY100EL52ZCTR MICREL-SY100EL52ZCTR Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
More results

Similar Description - SY100EL52ZCTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
logo
Micrel Semiconductor
SY10EL52 MICREL-SY10EL52_05 Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
SY10EL52ZC MICREL-SY10EL52ZC Datasheet
51Kb / 4P
   DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52_06 Datasheet
153Kb / 9P
   5V ECL Differential Data and Clock D Flip-Flop
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC10EL51 ONSEMI-MC10EL51 Datasheet
80Kb / 3P
   Differential Clock D Flip-Flop
1996 REV 2
logo
Micrel Semiconductor
SY10EL51 MICREL-SY10EL51 Datasheet
50Kb / 4P
   DIFFERENTIAL CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL51 ONSEMI-MC100LVEL51 Datasheet
82Kb / 3P
   Differential Clock D Flip-Flop
1996 REV 1
logo
Micrel Semiconductor
SY10EL51 MICREL-SY10EL51_05 Datasheet
52Kb / 4P
   DIFFERENTIAL CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL29 ONSEMI-MC100LVEL29 Datasheet
114Kb / 3P
   Dual Differential Data and Clock D Flip-Flop With Set and Reset
1996 REV 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com