Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3104-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV320AIC3104-Q1
Description  LOW-POWER STEREO AUDIO CODEC
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3104-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TLV320AIC3104-Q1_15 Datasheet HTML 1Page - Texas Instruments TLV320AIC3104-Q1_15 Datasheet HTML 2Page - Texas Instruments TLV320AIC3104-Q1_15 Datasheet HTML 3Page - Texas Instruments TLV320AIC3104-Q1_15 Datasheet HTML 4Page - Texas Instruments TLV320AIC3104-Q1_15 Datasheet HTML 5Page - Texas Instruments TLV320AIC3104-Q1_15 Datasheet HTML 6Page - Texas Instruments TLV320AIC3104-Q1_15 Datasheet HTML 7Page - Texas Instruments TLV320AIC3104-Q1_15 Datasheet HTML 8Page - Texas Instruments TLV320AIC3104-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
TLV320AIC3104-Q1
www.ti.com
SLAS715 – JUNE 2010
LOW-POWER STEREO AUDIO CODEC
Check for Samples: TLV320AIC3104-Q1
1
FEATURES
Qualified for Automotive Applications
Extensive Modular Power Control
Stereo Audio DAC
Power Supplies:
102-dBA Signal-to-Noise Ratio
Analog: 2.7 V–3.6 V.
16/20/24/32-Bit Data
Digital Core: 1.525 V–1.95 V
Supports Sample Rates From 8 kHz to 96
Digital I/O: 1.1 V–3.6 V
kHz
Package: 5-mm × 5-mm 32-Pin QFN
3D/Bass/Treble/EQ/De-Emphasis Effects
APPLICATIONS
Flexible Power Saving Modes and
Entertainment Applications
Performance are Available
Stereo Audio ADC
DESCRIPTION
92-dBA Signal-to-Noise Ratio
The TLV320AIC3104 is a low-power stereo audio
Supports Sample Rates From 8 kHz to 96
codec with stereo headphone amplifier, as well as
kHz
multiple inputs and outputs that are programmable in
Digital Signal Processing and Noise
single-ended
or
fully
differential
configurations.
Filtering Available During Record
Extensive register-based power control is included,
enabling stereo 48-kHz DAC playback as low as 14
Six Audio Input Pins
mW from a 3.3-V analog supply, making it ideal for
One Stereo Pair of Single-Ended Inputs
portable
battery-powered
audio
and
telephony
One Stereo Pair of Fully Differential Inputs
applications.
Six Audio Output Drivers
The record path of the TLV320AIC3104 contains
Stereo Fully Differential or Single-Ended
integrated microphone bias, digitally controlled stereo
Headphone Drivers
microphone preamplifier, and automatic gain control
(AGC), with mix/mux capability among the multiple
Fully Differential Stereo Line Outputs
analog inputs. Programmable filters are available
Low Power: 14-mW Stereo 48-kHz Playback
during record which can remove audible noise that
With 3.3-V Analog Supply
can occur during optical zooming in digital cameras.
Ultralow-Power Mode with Passive Analog
The playback path includes mix/mux capability from
Bypass
the
stereo
DAC
and
selected
inputs,
through
programmable
volume
controls,
to
the
various
Programmable Input/Output Analog Gains
outputs.
Automatic Gain Control (AGC) for Record
The TLV320AIC3104 contains four high-power output
Programmable Microphone Bias Level
drivers as well as two fully differential output drivers.
Programmable PLL for Flexible Clock
The high-power output drivers are capable of driving
Generation
a variety of load configurations, including up to four
channels of single-ended 16-
Ω headphones using
I2C Control Bus
ac-coupling capacitors, or stereo 16-
Ω headphones in
Audio Serial Data Bus Supports I2S,
a capless output configuration.
Left/Right-Justified, DSP, and TDM Modes
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV320AIC3104-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3104-Q1 TI1-TLV320AIC3104-Q1_16 Datasheet
2Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec for Infotainment and Cluster
More results

Similar Description - TLV320AIC3104-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
   Low Power Stereo Audio CODEC
logo
Texas Instruments
TLV320AIC3268 TI1-TLV320AIC3268 Datasheet
4Mb / 263P
[Old version datasheet]   Low Power Stereo Audio Codec
PCM3793A TI1-PCM3793A_16 Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
TLV320AIC3104-Q1 TI1-TLV320AIC3104-Q1 Datasheet
1Mb / 91P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
PCM3793 TI1-PCM3793_16 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com