Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1953 Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1953
Description  Dual Output Low ESR Cap. Low-Dropout 600mA Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1953 Datasheet(HTML) 6 Page - Analog Intergrations Corporation

Back Button AIC1953 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1953 Datasheet HTML 10Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AIC1953
6
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
4.0
4.5
5.0
5.5
6.0
36
38
40
42
44
46
48
50
52
54
56
I
OUT
=600mA
I
OUT
=0mA
Input Voltage (V)
V
OUT1
=3.3V, V
OUT2
=0.8V, T
A
=25
-40
-20
0
20
406080
15
20
25
30
35
40
45
50
Temperature (
)
V
IN
=1.8V
V
IN
=1.9V
V
OUT1
=V
OUT2
=0.8V
Fig.7 Dual LDO Quiescent Current and Ground Current vs. Input Voltage
Fig.8 Quiescent Current vs. Temperature.
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
20
22
24
26
28
30
Input Voltage (V)
T
A
=25
V
OUT1
=1.8V
V
OUT2
=Shutdown Mode
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
20
22
24
26
28
30
Input Voltage (V)
T
A
=25
V
OUT1
=2.5V
V
OUT2
=Shutdown Mode
Fig.9 Single LDO Quiescent Current vs. Input Voltage
Fig.10 Single LDO Quiescent Current vs. Input Voltage
Fig.11Load Transient Response at VIN=2.8V, VOUT=0.8V
Fig.12Load Transient Response at VIN=4.8V, VOUT=3.8V
Output Current
Output Voltage Ripple
Output Current
Output Voltage Ripple
CIN=COUT1=COUT2=1F
IOUT= 50mA to 600mA
CIN=COUT1=COUT2=1F
IOUT= 50mA to 600mA


Similar Part No. - AIC1953

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1952 AIC-AIC1952 Datasheet
314Kb / 13P
   Dual Output Low ESR Cap. Low-Dropout 300mA Linear Regulator
More results

Similar Description - AIC1953

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR6XXYY UTC-LR6XXYY Datasheet
169Kb / 4P
   DUAL OUTPUT LOW ESR CAP. LOW-DROPOUT 600MA LINEAR REGULATOR
LR6XXYY UTC-LR6XXYY_14 Datasheet
219Kb / 5P
   DUAL OUTPUT LOW ESR CAP LOW-DROPOUT 600MA LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1952 AIC-AIC1952 Datasheet
314Kb / 13P
   Dual Output Low ESR Cap. Low-Dropout 300mA Linear Regulator
AIC1750 AIC-AIC1750 Datasheet
386Kb / 15P
   Dual Output Low ESR Cap. Low-Dropout
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
FP6131 FITIPOWER-FP6131 Datasheet
480Kb / 10P
   600mA Low Dropout Linear Regulator
FP6132 FITIPOWER-FP6132 Datasheet
490Kb / 9P
   600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com