Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3104 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV320AIC3104
Description  TLV320AIC3104 Low-Power Stereo Audio Codec for Portable Audio and Telephony
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3104 Datasheet(HTML) 4 Page - Texas Instruments

  TLV320AIC3104_15 Datasheet HTML 1Page - Texas Instruments TLV320AIC3104_15 Datasheet HTML 2Page - Texas Instruments TLV320AIC3104_15 Datasheet HTML 3Page - Texas Instruments TLV320AIC3104_15 Datasheet HTML 4Page - Texas Instruments TLV320AIC3104_15 Datasheet HTML 5Page - Texas Instruments TLV320AIC3104_15 Datasheet HTML 6Page - Texas Instruments TLV320AIC3104_15 Datasheet HTML 7Page - Texas Instruments TLV320AIC3104_15 Datasheet HTML 8Page - Texas Instruments TLV320AIC3104_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 95 page
background image
P0048-01
SDA
DVDD
1
24
2
23
3
22
4
21
5
20
6
19
7
18
8
17
9
32
10
31
11
30
12
29
13
28
14
27
15
26
16
25
MIC1LP/LINE1LP
MIC1LM/LINE1LM
MIC1RP/LINE1RP
MIC1RM/LINE1RM
MIC2L/LINE2L/MICDET
MICBIAS
MIC2R/LINE2R
RHBPACKAGE
(BOTTOMVIEW)
RESET
RIGHT_LOM
RIGHT_LOP
LEFT_LOM
LEFT_LOP
AVSS2
AVDD
TLV320AIC3104
SLAS510D – FEBRUARY 2007 – REVISED DECEMBER 2014
www.ti.com
6 Related Devices
DEVICE NAME
DESCRIPTION
TLV320AIC3104
Low-Power Stereo CODEC with 6 inputs, 6 outputs, HP Amp and enhanced digital effects
TLV320AIC3101
Same as TLV320AIC3104, but with speaker and HP Amp
TLV320AIC3105
Same as TLV320AIC3104, but with all inputs single-ended
TLV320AIC3106
Same as TLV320AIC3104, but with 10 inputs and 7 outputs
TLV320AIC3107
Same as TLV320AIC3104, but with 7 inputs, 6 outputs and Integrated Mono Class-D Amplifier
7 Pin Configuration and Functions
32-PIN
NOTE: Connect device thermal pad to DRVSS.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AVDD
25
Analog DAC voltage supply, 2.7 V–3.6 V
AVSS1
17
Analog ADC ground supply, 0 V
AVSS2
26
Analog DAC ground supply, 0 V
BCLK
2
I/O
Audio serial data bus bit clock input/output
DIN
4
I
Audio serial data bus data input
DOUT
5
O
Audio serial data bus data output
DRVDD
18
Analog ADC and output driver voltage supply, 2.7 V–3.6 V
DRVDD
24
Analog output driver voltage supply, 2.7 V–3.6 V
DRVSS
21
Analog output driver ground supply, 0 V
DVDD
32
Digital core voltage supply, 1.525 V–1.95 V
DVSS
6
Digital core / I/O ground supply, 0 V
HPLCOM
20
O
High-power output driver (left – or multi-functional)
4
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: TLV320AIC3104


Similar Part No. - TLV320AIC3104_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3104 TI1-TLV320AIC3104_12 Datasheet
1Mb / 91P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_17 Datasheet
1Mb / 97P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio and Telephony
More results

Similar Description - TLV320AIC3104_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3104 TI1-TLV320AIC3104_17 Datasheet
1Mb / 97P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio and Telephony
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com