Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3101 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV320AIC3101
Description  TLV320AIC3101 Low-Power Stereo Audio Codec for Portable Audio/Telephony
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3101 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV320AIC3101_15 Datasheet HTML 6Page - Texas Instruments TLV320AIC3101_15 Datasheet HTML 7Page - Texas Instruments TLV320AIC3101_15 Datasheet HTML 8Page - Texas Instruments TLV320AIC3101_15 Datasheet HTML 9Page - Texas Instruments TLV320AIC3101_15 Datasheet HTML 10Page - Texas Instruments TLV320AIC3101_15 Datasheet HTML 11Page - Texas Instruments TLV320AIC3101_15 Datasheet HTML 12Page - Texas Instruments TLV320AIC3101_15 Datasheet HTML 13Page - Texas Instruments TLV320AIC3101_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
TLV320AIC3101
SLAS520E – FEBRUARY 2007 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
At 25°C, AVDD_DAC = DRVDD = IOVDD = 3.3 V, DVDD = 1.8 V, fS = 48 kHz, 16-bit audio data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL I/O
0.3
VIL
Input low level
–0.3
V
IOVDD
0.7
IOVDD > 1.6 V
IOVDD
VIH
Input high level (5)
V
IOVDD
≤ 1.6 V
1.1
0.1
VOL
Output low level
V
IOVDD
0.8
VOH
Output high level
V
IOVDD
CURRENT CONSUMPTION – DRVDD = AVDD_DAC = IOVDD = 3.3 V, DVDD = 1.8 V
IDRVDD + IAVDD_DAC
0.1
RESET held low
μA
IDVDD
0.2
IDRVDD + IAVDD_DAC
2.15
Mono ADC record, fS = 8 ksps, I
2S slave, AGC off, no signal
IDVDD
0.48
IDRVDD + IAVDD_DAC
4.1
Stereo ADC record, fS = 8 ksps, I
2S slave, AGC off, no signal
IDVDD
0.62
IDRVDD + IAVDD_DAC
4.31(6)
Stereo ADC record, fS = 48 ksps, I
2S slave, AGC off, no signal
IDVDD
2.45(6)
IDRVDD + IAVDD_DAC
3.5
Stereo DAC playback to lineout, analog mixer bypassed, fS = 48 ksps,
I2S slave
IDVDD
2.3
IIN
mA
IDRVDD + IAVDD_DAC
4.9
Stereo DAC playback to lineout, fS = 48 ksps, I
2S slave, no signal
IDVDD
2.3
IDRVDD + IAVDD_DAC
6.7
Stereo DAC playback to stereo single-ended headphone, fS = 48 ksps,
I2S slave, no signal
IDVDD
2.3
IDRVDD + IAVDD_DAC
3.11
Stereo linein to stereo lineout, no signal
IDVDD
0
IDRVDD + IAVDD_DAC
1.4
Extra power when PLL enabled
IDVDD
0.9
IDRVDD + IAVDD_DAC
28
All blocks powered down. Headset detection enabled, headset not
μA
inserted
IDVDD
2
(5)
When IOVDD < 1.6 V, minimum VIH is 1.1 V.
(6)
Additional power is consumed when the PLL is powered.
10
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: TLV320AIC3101


Similar Part No. - TLV320AIC3101_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3101IRHBR TI-TLV320AIC3101IRHBR Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101IRHBR TI1-TLV320AIC3101IRHBR Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC3101IRHBT TI-TLV320AIC3101IRHBT Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101IRHBT TI1-TLV320AIC3101IRHBT Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
More results

Similar Description - TLV320AIC3101_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com