Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EL57 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10EL57
Description  4:1 DIFFERENTIAL MULTIPLEXER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL57 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10EL57 Datasheet HTML 1Page - Micrel Semiconductor SY10EL57 Datasheet HTML 2Page - Micrel Semiconductor SY10EL57 Datasheet HTML 3Page - Micrel Semiconductor SY10EL57 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TRUTH TABLE
PIN NAMES
DESCRIPTION
Pin
Function
D0-3
Differential Data Inputs
SEL0, 1
Mux Select Inputs
VBB1, 2
Reference Outputs
Q
Data Outputs
SEL1
SEL0
DATA OUT
LL
D0
LH
D1
HL
D2
HH
D3
FEATURES
PIN CONFIGURATION/BLOCK DIAGRAM
s Useful as either 4:1 or 2:1 multiplexer
s VBB output for single-ended operation
s 75K
internal input pulldown resistors
s Available in 150 mil 16-pin SOIC package
The SY10/100EL57 are fully differential 4:1 multiplexers.
By leaving the SEL1 line open (pulled LOW via the input
pulldown resistors) the device can also be used as a
differential 2:1 multiplexer with SEL0 input selecting between
D0 and D1. The fully differential architecture of the EL57
makes it ideal for use in low skew applications such as
clock distribution.
The SEL1 is the most significant select line. The binary
number applied to the select inputs will select the same
numbered data input (i.e., 00 selects D0).
Multiple VBB outputs are provided for single-ended or
AC coupled interfaces. In these scenarios, the VBB output
should be connected to the data bar inputs and bypassed
via a 0.01
µF capacitor to ground. Note that the VBB output
can source/sink up to 0.5mA of current without upsetting
the voltage level.
4:1 DIFFERENTIAL
MULTIPLEXER
SY10EL57
SY100EL57
FINAL
SOIC
TOP VIEW
4:1
D0
1
234
5
6
7
8
D0
D1
D1
D2
D2
D3
D3
16
15
14
13
12
11
10
9
VCC
SEL0
SEL1
Q
Q
VBB1
VEE
VBB2
1
Rev.: F
Amendment: /0
Issue Date:
February 2003


Similar Part No. - SY10EL57

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57ZC MICREL-SY10EL57ZC Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57ZC MICREL-SY10EL57ZC Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57ZCTR MICREL-SY10EL57ZCTR Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57ZCTR MICREL-SY10EL57ZCTR Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
More results

Similar Description - SY10EL57

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L_06 Datasheet
54Kb / 5P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L Datasheet
62Kb / 4P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57_14 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC10EL57 ONSEMI-MC10EL57_16 Datasheet
164Kb / 7P
   5 V ECL 4:1 Differential Multiplexer
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com