Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EL32VZCTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10EL32VZCTR
Description  5V/3.3V 첨 2 DIVIDER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL32VZCTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10EL32VZCTR Datasheet HTML 1Page - Micrel Semiconductor SY10EL32VZCTR Datasheet HTML 2Page - Micrel Semiconductor SY10EL32VZCTR Datasheet HTML 3Page - Micrel Semiconductor SY10EL32VZCTR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
s 3.3V and 5V power supply options
s 510ps propagation delay
s 3.0GHz toggle frequency
s High bandwidth output transistions
s Internal 75K
input pull-down resistors
s Available in 8-pin SOIC package
The SY10/100EL32V are integrated
÷2 dividers. The
differential clock inputs and the VBB allow a differential,
single-ended or AC-coupled interface to the device. If
used, the VBB output should be bypassed to ground with
a 0.01
µF capacitor. Also note that the VBB is designed to
be used as an input bias on the EL32V only; the VBB
output has limited current sink and source capability.
The reset pin is asynchronous and is asserted on the
rising edge. Upon power-on, the internal flip-flop will attain
a random state; the reset allows for the synchronization
of multiple EL32Vs in a system.
FEATURES
PIN CONFIGURATION/BLOCK DIAGRAM
PIN NAMES
5V/3.3V
÷ 2 DIVIDER
SOIC
TOP VIEW
Pin
Function
CLK
Clock Inputs
Reset
Asynchronous Reset
VBB
Reference Voltage Output
Q
Data Outputs
1
2
3
4
5
6
7
8
Reset
VCC
Q
VEE
CLK
VBB
Q
R
CLK
÷ 2
Rev.: C
Amendment: /0
Issue Date: August, 1998
ClockWorks™
SY10EL32V
SY100EL32V
1


Similar Part No. - SY10EL32VZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL32VZCTR MICREL-SY10EL32VZCTR Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
More results

Similar Description - SY10EL32VZCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EP32V MICREL-SY10EP32V Datasheet
132Kb / 9P
   5V/3.3V 첨 2 DIVIDER
SY10EL33 MICREL-SY10EL33_06 Datasheet
473Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EL33 MICREL-SY10EL33 Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
logo
ON Semiconductor
MC100EP32 ONSEMI-MC100EP32 Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
AZ10LVEL32 AZM-AZ10LVEL32_09 Datasheet
157Kb / 8P
   ECL/PECL 첨 2 Divider
logo
List of Unclassifed Man...
AZ10EL32 ETC1-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
logo
Arizona Microtek, Inc
AZ10LVEL32 AZM-AZ10LVEL32 Datasheet
178Kb / 8P
   ECL/PECL 첨 2 Divider
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com