Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1221 Datasheet(PDF) 14 Page - Analog Intergrations Corporation

Part # AIC1221
Description  Ultra LDO 2A Linear Regulator With Adjustable AND Bypass Pin
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1221 Datasheet(HTML) 14 Page - Analog Intergrations Corporation

Back Button AIC1221 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1221 Datasheet HTML 10Page - Analog Intergrations Corporation AIC1221 Datasheet HTML 11Page - Analog Intergrations Corporation AIC1221 Datasheet HTML 12Page - Analog Intergrations Corporation AIC1221 Datasheet HTML 13Page - Analog Intergrations Corporation AIC1221 Datasheet HTML 14Page - Analog Intergrations Corporation AIC1221 Datasheet HTML 15Page - Analog Intergrations Corporation AIC1221 Datasheet HTML 16Page - Analog Intergrations Corporation AIC1221 Datasheet HTML 17Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AIC1221
14
PHYSICAL DIMENSIONS
 SOT-223 PACKAGE OUTLINE DRAWING
b
WITH PLATING
VIEW B
L
SEATING PLANE
GAUGE PLANE
BASE METAL
SECTION A-A
D
e1
e
AA
b2
SEE VIEW B
Note: 1. Refer to JEDEC TO-261AA.
2. Dimension "D" does not include mold flash, protrusions
or gate burrs. Mold flash, protrusion or gate burrs shall not
exceed 6 mil per side .
3. Dimension "E1" does not include inter-lead flash or protrusions.
4. Controlling dimension is millimeter, converted inch
dimensions are not necessarily exact.
3.30
1.55
0.90
6.70
6.30
0.23
2.90
0.66
0.02
E1
θ
L
e1
e
b2
D
E
c
b
A2
A1
3.70
2.30 BSC
4.60 BSC
1.65
7.30
6.70
0.33
3.10
0.84
0.10
MIN.
S
Y
M
B
O
L
A
1.80
MAX.
SOT-223
MILLIMETERS


Similar Part No. - AIC1221

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
AIC1084-15CE AIC-AIC1084-15CE Datasheet
104Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
AIC1084-15CM AIC-AIC1084-15CM Datasheet
104Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
AIC1084-15CMA AIC-AIC1084-15CMA Datasheet
104Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
AIC1084-15CT AIC-AIC1084-15CT Datasheet
104Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
More results

Similar Description - AIC1221

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1221 SMC-SULR1221 Datasheet
547Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Analog Intergrations Co...
AIC1189 AIC-AIC1189 Datasheet
563Kb / 20P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
AIC1190 AIC-AIC1190 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
logo
Champion Microelectroni...
CM8566 CHAMP-CM8566 Datasheet
238Kb / 8P
   2A ADJUSTABLE LINEAR REGULATOR
logo
Cherry Semiconductor Co...
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com