Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1187 Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1187
Description  1A Ultra Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1187 Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1187 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1187 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1187 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1187 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1187 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1187 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1187 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1187 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1187 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AIC1187
3
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ................................................................................................................................. 5.5V
Storage Temperature Range ............................................................................................. -65ºC~150ºC
Operating Temperature Range ............................................................................................ -40ºC~85ºC
Junction Temperature ................................................................................................................... 125ºC
Lead Temperature (Soldering, 10 sec) ......................................................................................... 260ºC
Thermal Resistance (Junction to Case)
SOT-220 ................................................................. 3ºC /W
SOT-223 ............................................................... 15ºC /W
TO-263, TO-263-5 .................................................. 6ºC /W
TO-252, TO252-5 .............................................. 12.5ºC /W
Thermal Resistance Junction to Ambient
SOT-220 ............................................................... 50ºC /W
(Assume no ambient airflow, no heat sink) SOT-223 ............................................................. 130ºC /W
TO-263, TO-263-5 ................................................ 60ºC /W
TO-252, TO-252-5 .............................................. 100ºC /W
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
TEST CIRCUIT
Refer to “TYPICAL APPLICATION CIRCUIT”.


Similar Part No. - AIC1187

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
AIC1189 AIC-AIC1189 Datasheet
563Kb / 20P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
AIC1189-XXGY3 AIC-AIC1189-XXGY3 Datasheet
563Kb / 20P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
AIC1189-XXPY3 AIC-AIC1189-XXPY3 Datasheet
563Kb / 20P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
More results

Similar Description - AIC1187

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com