Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1185 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1185
Description  3A Ultra Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1185 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1185 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1185 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1185 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1185 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1185 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1185 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1185 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1185 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1185 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AIC1185
5
TYPICAL PERFORMANCE CHARACTERISTICS
-40
-20
0
20
40
60
80
100
120
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
Vout=2.5V
Cin=1uF
Cout=10uF
Vin=Vout+1V
ILoad=10mA
Output Voltage vs. Temperature
Temperature(
0
C)
-40
-20
0
20
40
60
80
100
120
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
6.0
Vout=2.5V
Cin=1uF
Cout=10uF
Vin=Vout+1V
Current Limit vs. Temperature
Temperature(
0C)
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Vout=2.5V
Cin=1uF
Cout=10uF
Vin=Vout+1V
ILoad=10mA
Quiescent Current vs. Temperature
Temperature(
0C)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.3
0.6
0.9
1.2
1.5
Vout=2.5V
Cin=1uF
Cout=10uF
Vin:2V~6V
ILoad=10mA
Quiescent Current vs. Input Voltage
Input Voltage(V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Vout=2.5V
Cin=1uF
Cout=10uF
Dropout Voltage vs. Output Current
IOUT(A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Vout=2.5V
Cin=1uF
Cout=10uF
Vin=Vout+1V
Ground Current vs. IOUT Current
Output Current(A)


Similar Part No. - AIC1185

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1187 AIC-AIC1187 Datasheet
483Kb / 13P
   1A Ultra Low Dropout Linear Regulator
AIC1189 AIC-AIC1189 Datasheet
563Kb / 20P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
AIC1189-XXGY3 AIC-AIC1189-XXGY3 Datasheet
563Kb / 20P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
AIC1189-XXPY3 AIC-AIC1189-XXPY3 Datasheet
563Kb / 20P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
More results

Similar Description - AIC1185

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4230 HTC-TJ4230 Datasheet
211Kb / 9P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L1806 UTC-L1806 Datasheet
227Kb / 7P
   3A, ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com