Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SY10EL31 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part No. SY10EL31
Description  D FLIP-FLOP WITH SET AND RESET
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY10EL31 Datasheet(HTML) 1 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
FEATURES
D FLIP-FLOP
WITH SET AND RESET
PIN NAMES
Pin
Function
D
Data Inputs
Q
Data Outputs
S
Set
R
Reset
CLK
Clock Input
PIN CONFIGURATION/BLOCK DIAGRAM
Rev.: E
Amendment: /0
Issue Date: August, 1998
SY10EL31
SY100EL31
s 475ps propagation delay
s 2.8GHz toggle frequency
s Internal 75K
input pull-down resistors
s Available in 8-pin SOIC package
The SY10/100EL31 are D flip-flops with set and reset.
The devices are functionally equivalent to the E131
devices, with higher performance capabilities. With
propagation delays and output transition times
significantly faster than the E131, the EL31 is ideally
suited for those applications which require the ultimate
in AC performance.
Both the set and reset inputs are asynchronous, level
triggered signals. Data enters the master portion of the
flip-flop when the clock is LOW and is transferred to the
slave, and thus the outputs, upon a positive transition of
the clock.
TRUTH TABLE(1)
D
S
R
CLK
Q
LL
L
Z
L
HL
L
Z
H
XH
L
X
H
XL
H
X
L
X
H
H
X
Undef
NOTE:
1. Z = LOW-to-HIGH transition.
SOIC
TOP VIEW
1
2
3
45
6
7
8
SVCC
Q
VEE
D
R
CLK
Q
S
D
R
Flip-Flop
1


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn