Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5122 Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS5122
Description  30-W STEREO DIGITAL AMPLIFIER POWER STAGE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5122 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5122_15 Datasheet HTML 2Page - Texas Instruments TAS5122_15 Datasheet HTML 3Page - Texas Instruments TAS5122_15 Datasheet HTML 4Page - Texas Instruments TAS5122_15 Datasheet HTML 5Page - Texas Instruments TAS5122_15 Datasheet HTML 6Page - Texas Instruments TAS5122_15 Datasheet HTML 7Page - Texas Instruments TAS5122_15 Datasheet HTML 8Page - Texas Instruments TAS5122_15 Datasheet HTML 9Page - Texas Instruments TAS5122_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TAS5122
SLES088E – AUGUST 2003 – REVISED DECEMBER 2004
www.ti.com
6
ELECTRICAL CHARACTERISTICS
PVDD_x = 23 V, GVDD = 23 V, DVDD = 3.3 V, RL = 6 Ω, 8X fs = 384 kHz, unless otherwise noted
SYMBOL
PARAMETER
TEST CONDITIONS
TYPICAL
TA=25°C
TA=25°C
TCase=
75
°C
UNITS
MIN/TYP/
MAX
INPUT/OUTPUT PROTECTION
Vuvp,G
Undervoltage protection limit, GVDD
7.4
6.9
V
Min
Vuvp,G
Undervoltage protection limit, GVDD
7.4
7.9
V
Max
OTW
Overtemperature warning
125
°C
Typ
OTE
Overtemperature error
150
°C
Typ
OC
Overcurrent protection
5.0
A
Min
STATIC DIGITAL SPECIFICATION
PWM_AP, PWM_BP, M1, M2, M3, SD,
OTW
VIH
High-level input voltage
2
V
Min
VIH
High-level input voltage
DVDD
V
Max
VIL
Low-level input voltage
0.8
V
Max
Leakage
Input leakage current
−10
µA
Min
Leakage
Input leakage current
10
µA
Max
OTW/SHUTDOWN (SD)
Internally pullup R from OTW/SD to
DVDD
30
22.5
k
Min
VOL
Low-level output voltage
IO = 4 mA
0.4
V
Max


Similar Part No. - TAS5122_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5122DCA TI-TAS5122DCA Datasheet
363Kb / 20P
[Old version datasheet]   30W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122DCA TI-TAS5122DCA Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122DCA TI-TAS5122DCA Datasheet
240Kb / 20P
[Old version datasheet]   PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
October 2004
TAS5122DCAG4 TI-TAS5122DCAG4 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122DCAR TI-TAS5122DCAR Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5122_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352A TI-TAS5352A Datasheet
849Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com