Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5086 Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS5086
Description  PurePath Digital??AUDIO SIX-CHANNEL PWM PROCESSOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5086_15 Datasheet HTML 2Page - Texas Instruments TAS5086_15 Datasheet HTML 3Page - Texas Instruments TAS5086_15 Datasheet HTML 4Page - Texas Instruments TAS5086_15 Datasheet HTML 5Page - Texas Instruments TAS5086_15 Datasheet HTML 6Page - Texas Instruments TAS5086_15 Datasheet HTML 7Page - Texas Instruments TAS5086_15 Datasheet HTML 8Page - Texas Instruments TAS5086_15 Datasheet HTML 9Page - Texas Instruments TAS5086_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
TAS5086 Bus-Related Characteristics of the SDA and SCL I/O Stages for F/S-Mode I
2C-Bus
SDA
SCL
tf
tSU-DAT
tHD-STA
tr
tBUF
tSU-STO
P
S
tSP
tSU-STA
Sr
tHIGH
tHD-DAT
tLOW
tr
tHD-STA
S
tf
T0114-01
TAS5086
SLES131C – FEBRUARY 2005 – REVISED JUNE 2008 ................................................................................................................................................... www.ti.com
Devices
All values are referred to VIHmin and VILmax (see TAS5086 Pin-Related Characteristics of the SDA and SCL I/O Stages for
F/S-Mode I2C-Bus Devices).
A
STANDARD MODE
FAST MODE
PARAMETER
TEST CONDITIONS
UNIT
MIN
MAX
MIN
MAX
fSCL
SCL clock frequency
0
100
0
400
kHz
Hold time (repeated) START condition.
tHD-STA
After this period, the first clock pulse is
4
0.6
µs
generated.
tLOW
LOW period of the SCL clock
4.7
1.3
µs
tHIGH
HIGH period of the SCL clock
4
0.6
µs
tSU-STA
Setup time for repeated START
4.7
0.6
µs
tSU-DAT
Data setup time
250
100
µs
tHD-DAT
Data hold time (1)(2)
0
3.45
0
0.9
µs
tr
Rise time of both SDA and SCL
1000
7 + 0.1 Cb
(3)
500(4)
ns
tf
Fall time of both SDA and SCL
300
7 + 0.1 Cb
(3)
300
ns
tSU-STO
Setup time for STOP condition
4
0.6
µs
tBUF
Bus free time between a STOP and
4.7
1.3
µs
START condition
Cb
Capacitive loads for each bus line
400
400
pF
Noise margin at the LOW level for each
VnL
0.1 VDD
0.1 VDD
V
connected device (including hysteresis)
Noise margin at the HIGH level for each
VnH
0.2 VDD
0.2 VDD
V
connected device (including hysteresis)
(1)
Note that SDA does not have the standard I2C specification 300-ns hold time and that SDA must be valid by the rising and falling edges
of SCL. TI recommends that a 3.3-k
Ω pullup resistor be used to avoid potential timing issues.
(2)
A fast-mode I2C-bus device can be used in a standard-mode I2C-bus system, but the requirement tSU-DAT ≥ 250 ns must then be met.
This is automatically the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW
period of the SCL signal, it must output the next data bit to the SDA line tr-max + tSU-DAT = 1000 + 250 = 1250 ns (according to the
standard-mode I2C bus specification) before the SCL line is released.
(3)
Cb = total capacitance of one bus line in pF.
(4)
Rise time varies with pullup resistor.
Figure 3. Start and Stop Conditions Timing Waveforms
6
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5086


Similar Part No. - TAS5086_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5086 TI1-TAS5086_17 Datasheet
1Mb / 49P
[Old version datasheet]   PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
More results

Similar Description - TAS5086_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5086 TI-TAS5086 Datasheet
466Kb / 33P
[Old version datasheet]   PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI1-TAS5086_17 Datasheet
1Mb / 49P
[Old version datasheet]   PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI-TAS5086_06 Datasheet
513Kb / 41P
[Old version datasheet]   PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5026A TI-TAS5026A Datasheet
769Kb / 62P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
TAS5066 TI1-TAS5066 Datasheet
838Kb / 64P
[Old version datasheet]   SIX-CHANNEL Digital Audio PWM Processor
TAS5076PFC TI-TAS5076PFC Datasheet
800Kb / 64P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
TAS5036A TI-TAS5036A Datasheet
773Kb / 62P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5026 TI-TAS5026 Datasheet
689Kb / 48P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036 TI-TAS5036 Datasheet
713Kb / 49P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5076 TI-TAS5076 Datasheet
835Kb / 62P
[Old version datasheet]   SIX-CHANNEL DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com