Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100E431JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100E431JC
Description  3-BIT DIFFERENTIAL FLIP-FLOP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E431JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100E431JC Datasheet HTML 1Page - Micrel Semiconductor SY100E431JC Datasheet HTML 2Page - Micrel Semiconductor SY100E431JC Datasheet HTML 3Page - Micrel Semiconductor SY100E431JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
FEATURES
s Differential D, clock and Q
s Extended 100E VEE range of –4.2V to –5.5V
s VBB output for single-ended use
s 1100MHz min. toggle frequency
s Edge-triggered asynchronous set and reset
s Fully compatible with Motorola MC10E/100E431
s Available in 28-pin PLCC package
The SY10/100E431 are 3-bit flip-flops with differential
clock, data input and data output.
The asynchronous Set and Reset controls are edge-
triggered rather than level controlled. This allows the user
to rapidly set or reset the flip-flop and then continue
clocking at the next clock edge without the necessity of
de-asserting the set/reset signal (as would be the case
with a level controlled set/reset).
The E431 is also designed with larger internal swings,
an approach intended to minimize the time spent crossing
the threshold region and thus reduces the metastability
susceptibility window.
3-BIT DIFFERENTIAL
FLIP-FLOP
SY10E431
SY100E431
BLOCK DIAGRAM
D0
D0
Q0
Q0
VBB
CLK0
CLK0
S0
R0
DQ
Q
S
R
D1
D1
Q1
Q1
CLK1
CLK1
S1
R1
DQ
Q
S
R
D2
D2
Q2
Q2
CLK2
CLK2
S2
R2
DQ
Q
S
R
Pin
Function
D[0:2], D[0:2]
Differential Data Inputs
CLK[0:2], CLK[0:2]
Differential Clock Inputs
S[0:2]
Edge Triggered Set Inputs
R[0:2]
Edge Triggered Reset Inputs
VBB
VBB Reference Output
Q[0:2], Q[0:2]
Differential Data Outputs
VCCO
VCC to Output
PIN NAMES
PIN CONFIGURATION
Rev.: C
Amendment: /1
Issue Date:
February, 1998
18
17
16
15
14
13
12
56
7
8
9
10 11
26
27
28
1
2
3
4
TOP VIEW
PLCC
J28-1
25 24 23 22 21 20 19
CLK1
R1
VEE
S1
D1
CLK1
D1
Q2
VCC
Q1
Q0
Q2
Q1
Q0
Dn
CLKn
Rn
Sn
Qn
LZ
L
L
L
HZ
L
L
H
XL
Z
L
L
XL
L
Z
H
TRUTH TABLE(1)
NOTE:
1. Z = LOW-to-HIGH transition.
1


Similar Part No. - SY100E431JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E431JC MICREL-SY100E431JC Datasheet
62Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
SY100E431JCTR MICREL-SY100E431JCTR Datasheet
62Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
More results

Similar Description - SY100E431JC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E431 ONSEMI-MC10E431 Datasheet
109Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
1996 REV 3
logo
Micrel Semiconductor
SY10E431 MICREL-SY10E431_06 Datasheet
62Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
logo
ON Semiconductor
MC10E431 ONSEMI-MC10E431_06 Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
MC10EL51 ONSEMI-MC10EL51 Datasheet
80Kb / 3P
   Differential Clock D Flip-Flop
1996 REV 2
logo
Micrel Semiconductor
SY10EL51 MICREL-SY10EL51 Datasheet
50Kb / 4P
   DIFFERENTIAL CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL51 ONSEMI-MC100LVEL51 Datasheet
82Kb / 3P
   Differential Clock D Flip-Flop
1996 REV 1
logo
Micrel Semiconductor
SY10EL51 MICREL-SY10EL51_05 Datasheet
52Kb / 4P
   DIFFERENTIAL CLOCK D FLIP-FLOP
logo
Texas Instruments
SN74AVC16722 TI-SN74AVC16722 Datasheet
202Kb / 1P
[Old version datasheet]   22-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Semtech Corporation
SK10E131PJ SEMTECH-SK10E131PJ Datasheet
113Kb / 4P
   4-bit D Flip-Flop
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com