Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74LS164 Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part No. IN74LS164
Description  Fully Buffered Clock and Serial Inputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74LS164 Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IN74LS164 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74LS164 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74LS164 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74LS164 Datasheet HTML 4Page - IK Semicon Co., Ltd IN74LS164 Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
IN74LS164
8-Bit Serial-Input/Parallel-Output
Shift Register
ORDERING INFORMATION
IN74LS164N Plastic
IN74LS164D
SOIC
TA =0° to 70°C for all packages
This 8-bit shift register features gated serial inputs and an
asynchronous reset. The gated serial inputs (A and B) permit complete
control over incoming data as a low at either (or both) input(s) inhibits
entry of the new data and resets the first flip flop to the low level at the
next clock pulse. A high level input enables the other input which will
then determine the state of the first flip-flop. Data at the serial inputs may
be changed while the clock is high or low, but only information meeting
the setup requirements will be entered clocking occurs or the low-to-high
level transition of the clock input. All inputs are diode-clamped to
minimize transmission-line effects.
• Gated (Enable/Disable) Serial Inputs
• Fully Buffered Clock and Serial Inputs
• Asynchronous Clear
PIN ASSIGNMENT
LOGIC DIAGRAM
FUNCTION TABLE
Inputs
Outputs
Reset
Clock
A1 A2
QA QB ... Q
B
H
L
X
X X
L
L
... L
H
Rev. 00
X X
no change
H
H D
D QAn ... QGn
H
D H
D QAn ... QGn
H
L L
L QAn ... QGn
D = data input
X = don’t care
QAn - QGn = data shifted from the previous stage on a
rising edge at the clock input.
PIN 14 =VCC
PIN 7 = GND


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn