Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74LS164 Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part No. IN74LS164
Description  Fully Buffered Clock and Serial Inputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IKSEMICON [IK Semicon Co., Ltd]
Homepage  http://www.iksemi.com/en/index.html
Logo 

IN74LS164 Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IN74LS164
N SUFFIX PLASTIC DIP
(MS - 001AA)
Symbol
MIN
MAX
A
18.67
19.69
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0
°
10
°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AB)
Symbol
MIN
MAX
A
8.55
8.75
B
3.8
4
C
1.35
1.75
D
0.33
0.51
F
0.4
1.27
G
H
J
NOTES:
K
0.1
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.8
6.2
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.5
Dimension, mm
1.27
5.27
2.54
7.62
Dimension, mm
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
14
7
8
A
B
F
G
D
L
H
SEATING
PLANE
N
K
0.25 (0.010) M
T
M
J
-T-
C
1
14
7
8
Rev. 00


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn