Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74LS164 Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part No. IN74LS164
Description  Fully Buffered Clock and Serial Inputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74LS164 Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IN74LS164 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74LS164 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74LS164 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74LS164 Datasheet HTML 4Page - IK Semicon Co., Ltd IN74LS164 Datasheet HTML 5Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IN74LS164
AC ELECTRICAL CHARACTERISTICS (TA=25°C, VCC = 5.0 V, CL = 15 pF, RL = 2 kΩ, tr =15
ns, tf = 6.0 ns)
Symbol
Parameter
Min
Max
Unit
tPLH
Propagation Delay Time, Clock to Q
27
ns
tPHL
Propagation Delay Time, Clock to Q
32
ns
tPHL
Propagation Delay Time, Reset to Q
36
ns
tsu
Setup Time, A1 or A2 to Clock
15
ns
th
Hold Time, Clock to A1 or A2
5
ns
tw
Pulse Width, Clock
20
ns
tw
Pulse Width, Reset
20
ns
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
NOTES A. CL includes probe and jig capacitance.
B. All diodes are 1N916 or 1N3064.
Figure 3. Switching Waveform
Figure 4. Test Circuit
Rev. 00


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn