Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100E336JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100E336JC
Description  3-BIT REGISTERED BUS TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E336JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100E336JC Datasheet HTML 1Page - Micrel Semiconductor SY100E336JC Datasheet HTML 2Page - Micrel Semiconductor SY100E336JC Datasheet HTML 3Page - Micrel Semiconductor SY100E336JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
s 25
cutoff bus output
s Extended 100E VEE range of –4.2V to –5.5V
s 50
receiver output
s Transmit and receive registers
s 1500ps max. clock to bus
s 1000ps max. clock to Q
s Internal edge slow-down capacitors on bus outputs
s Additional package ground pins
s Fully compatible with industry standard 10KH,
100K ECL levels
s Internal 75K
input pulldown resistors
s Fully compatible with Motorola MC10E/100E336
s Available in 28-pin PLCC package
DESCRIPTION
The SY10/100E336 offer three bus transceivers with
both transmit and receive registers and are designed for
use in new, high-performance ECL systems. The bus
outputs (BUS0 - BUS2) are designed to drive a 25
Ω bus.
The receive outputs (Q0 – Q2) are specified for 50
Ω. The
bus outputs feature a normal logic HIGH level (VOH) and a
cutoff LOW level when at a logic LOW. At cutoff, the outputs
go to –2.0V and the output emitter-follower is “off”,
presenting a high impedance to the bus. The bus outputs
have edge slow-down capacitors.
The Transmit Enable pins (TEN) determine whether
current data is held in the transmit register or new data is
loaded from the A/B inputs. A logic LOW on both of the bus
enable inputs (BUSEN), when clocked through the register,
disables the bus outputs to –2.0V.
The receiver section clocks bus data into the receive
registers after gating with the Receive Enable (RXEN)
input.
All registers are clocked by rising edge of CLK1 or CLK2
(or both).
Additional grounding is provided through the ground
pins (GND) which should be connected to 0V. The GND
pins are not electrically connected to the chip.
3-BIT REGISTERED
BUS TRANSCEIVER
PIN CONFIGURATION
Pin
Function
A0–A2
Data Inputs A
B0–B2
Data Inputs B
TEN1, 2
Transmit Enable Inputs
RXEN
Receive Enable Input
BUSEN1, 2
Bus Enable Inputs
CLK1, 2
Clock Inputs
BUS0–BUS2
25
Ω Cutoff Bus Outputs
Q0–Q2
Receive Data Outputs
VCCO
VCC to Output
PIN NAMES
SY10E336
SY100E336
Rev.: C
Amendment: /2
Issue Date: February, 1998
TOP VIEW
PLCC
J28-1
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25 24 23 22 21 20 19
5
6
7
8
9
10 11
VCC
GND
GND
Q1
VCCO
BUS2
BUS1
VEE
A0
CLK2
CLK1
BUSEN1
BUSEN2
RXEN
1


Similar Part No. - SY100E336JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E336JC MICREL-SY100E336JC Datasheet
66Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
SY100E336JCTR MICREL-SY100E336JCTR Datasheet
66Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
More results

Similar Description - SY100E336JC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E336 ONSEMI-MC10E336 Datasheet
113Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
1996 REV 2
logo
Micrel Semiconductor
SY10E336 MICREL-SY10E336_06 Datasheet
66Kb / 4P
   3-BIT REGISTERED BUS TRANSCEIVER
SY10E337 MICREL-SY10E337_06 Datasheet
67Kb / 5P
   3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
logo
ON Semiconductor
MC10E337 ONSEMI-MC10E337 Datasheet
116Kb / 5P
   3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
1996 REV 2
logo
Texas Instruments
SN74ALVCH162525 TI-SN74ALVCH162525 Datasheet
167Kb / 11P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162525 TI1-SN74ALVCH162525_09 Datasheet
353Kb / 16P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABTH32543-EP TI1-SN74ABTH32543-EP Datasheet
174Kb / 10P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
V320 FAIRCHILD-V320 Datasheet
648Kb / 10P
   V320 8-Bit Registered Bus Transceiver
logo
Texas Instruments
SN74ALVCH16524 TI-SN74ALVCH16524 Datasheet
125Kb / 9P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16525 TI-SN74ALVCH16525 Datasheet
153Kb / 10P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com