Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74LS04 Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part No. IN74LS04
Description  This device contains six independent inverts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74LS04 Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IN74LS04 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74LS04 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74LS04 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74LS04 Datasheet HTML 4Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IN74LS04
Rev. 00
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
7.0
V
VIN
Input Voltage
7.0
V
VOUT
Output Voltage
7.0
V
Tstg
Storage Temperature Range
-65 to +150
°C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4.75
5.25
V
IOH
High Level Output Current
-400
V
IOL
Low Level Output Current
8.0
V
TA
Ambient Temperature Range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS over full operating conditions
Guaranteed Limit
Symbol
Parameter
Test Conditions
Min
Max
Unit
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
0.8
V
VIK
Input Clamp Voltage
VCC = min, II = -18 mA
-1.5
V
VOH
High Level Output Current
VCC = min, VIL =max
IOH = max
2.7
V
VOL
Low Level Output Voltage
VCC = min, VIH =min,
IOL = 8 mA
0.5
V
II
Input Current at maximum input
voltage
VCC = max, VI = -7V
0.1
mA
IIH
High Level Input Current
VCC = max, VIN = 2.7 V
20
μA
IIL
Low Level Input Current
VCC = max, VIN = 0.4 V
-0.4
mA
IOS
Short-circuit output current
VCC = max (Note)
-20
-100
mA
ICC
Supply Current
VCC = max
Total with
outputs high
2.4
mA
Total with
outputs low
6.6
Note: Not more than one output should be shorted at a time, and duration should not exceed one second.


Similar Part No. - IN74LS04

ManufacturerPart No.DatasheetDescription
Integral Corp.
Integral Corp.
IN74LS04 INTEGRAL-IN74LS04 Datasheet
188Kb / 4P
   Hex Inverters
IN74LS04D INTEGRAL-IN74LS04D Datasheet
188Kb / 4P
   Hex Inverters
IN74LS04N INTEGRAL-IN74LS04N Datasheet
188Kb / 4P
   Hex Inverters
More results

Similar Description - IN74LS04

ManufacturerPart No.DatasheetDescription
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74LS05 IKSEMICON-IN74LS05 Datasheet
159Kb / 4P
   This device contains idenpendent inverts
IN74LS14 IKSEMICON-IN74LS14 Datasheet
164Kb / 4P
   This device contains six independent gates each of which performs the logic INVERT function
IN74LS86 IKSEMICON-IN74LS86 Datasheet
177Kb / 4P
   This device contains four independent 2-input Exclusive-OR gates
List of Unclassifed Manufacturers
List of Unclassifed Man...
7404 ETC-7404 Datasheet
178Kb / 1P
   Package contains six inverters
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74LS06 IKSEMICON-IN74LS06 Datasheet
148Kb / 4P
   This device contains hex inverted buffers with open-collector
Integrated Device Technology
Integrated Device Techn...
9DBU0931 IDT-9DBU0931 Datasheet
299Kb / 17P
   Device contains default configuration
Texas Instruments
Texas Instruments
SN5404 TI-SN5404 Datasheet
241Kb / 7P
[Old version datasheet]   These devices contain six independent inverters
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
[Old version datasheet]   This document contains the following chapters
EM Microelectronic - MARIN SA
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
   This board contains the different MFP?셲
Tyco Electronics
Tyco Electronics
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
   This instruction sheet contains the assembly
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz