Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74LS04 Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part No. IN74LS04
Description  This device contains six independent inverts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74LS04 Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  IN74LS04 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74LS04 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74LS04 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74LS04 Datasheet HTML 4Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IN74LS04
N SUFFIX PLASTIC DIP
(MS - 001AA)
Symbol
MIN
MAX
A
18.67
19.69
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0
°
10
°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AB)
Symbol
MIN
MAX
A
8.55
8.75
B
3.8
4
C
1.35
1.75
D
0.33
0.51
F
0.4
1.27
G
H
J
NOTES:
K
0.1
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.8
6.2
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.5
Dimension, mm
1.27
5.27
2.54
7.62
Dimension, mm
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
14
7
8
A
B
F
G
D
L
H
SEATING
PLANE
N
K
0.25 (0.010) M
T
M
J
-T-
C
1
14
7
8
Rev. 00


Similar Part No. - IN74LS04

ManufacturerPart No.DatasheetDescription
Integral Corp.
Integral Corp.
IN74LS04 INTEGRAL-IN74LS04 Datasheet
188Kb / 4P
   Hex Inverters
IN74LS04D INTEGRAL-IN74LS04D Datasheet
188Kb / 4P
   Hex Inverters
IN74LS04N INTEGRAL-IN74LS04N Datasheet
188Kb / 4P
   Hex Inverters
More results

Similar Description - IN74LS04

ManufacturerPart No.DatasheetDescription
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74LS05 IKSEMICON-IN74LS05 Datasheet
159Kb / 4P
   This device contains idenpendent inverts
IN74LS14 IKSEMICON-IN74LS14 Datasheet
164Kb / 4P
   This device contains six independent gates each of which performs the logic INVERT function
IN74LS86 IKSEMICON-IN74LS86 Datasheet
177Kb / 4P
   This device contains four independent 2-input Exclusive-OR gates
List of Unclassifed Manufacturers
List of Unclassifed Man...
7404 ETC-7404 Datasheet
178Kb / 1P
   Package contains six inverters
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74LS06 IKSEMICON-IN74LS06 Datasheet
148Kb / 4P
   This device contains hex inverted buffers with open-collector
Integrated Device Technology
Integrated Device Techn...
9DBU0931 IDT-9DBU0931 Datasheet
299Kb / 17P
   Device contains default configuration
Texas Instruments
Texas Instruments
SN5404 TI-SN5404 Datasheet
241Kb / 7P
[Old version datasheet]   These devices contain six independent inverters
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
[Old version datasheet]   This document contains the following chapters
EM Microelectronic - MARIN SA
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
   This board contains the different MFP?셲
Tyco Electronics
Tyco Electronics
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
   This instruction sheet contains the assembly
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz