Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10E196 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E196
Description  PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E196 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E196 Datasheet HTML 1Page - Micrel Semiconductor SY10E196 Datasheet HTML 2Page - Micrel Semiconductor SY10E196 Datasheet HTML 3Page - Micrel Semiconductor SY10E196 Datasheet HTML 4Page - Micrel Semiconductor SY10E196 Datasheet HTML 5Page - Micrel Semiconductor SY10E196 Datasheet HTML 6Page - Micrel Semiconductor SY10E196 Datasheet HTML 7Page - Micrel Semiconductor SY10E196 Datasheet HTML 8Page - Micrel Semiconductor SY10E196 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ClockWorks™
SY10E196
SY100E196
Micrel
BLOCK DIAGRAM
*Delays are 25% or 50% longer than
standard (standard = 80ps).


Similar Part No. - SY10E196

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E196 MICREL-SY10E196 Datasheet
82Kb / 10P
   PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
SY10E196JC MICREL-SY10E196JC Datasheet
82Kb / 10P
   PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
SY10E196JCTR MICREL-SY10E196JCTR Datasheet
82Kb / 10P
   PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
SY10E196JZ MICREL-SY10E196JZ Datasheet
82Kb / 10P
   PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
SY10E196JZTR MICREL-SY10E196JZTR Datasheet
82Kb / 10P
   PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
More results

Similar Description - SY10E196

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E196 MICREL-SY10E196_06 Datasheet
82Kb / 10P
   PROGRAMMABLE DELAY CHIP WITH ANALOG INPUT
logo
ON Semiconductor
MC10E195 ONSEMI-MC10E195 Datasheet
88Kb / 5P
   PROGRAMMABLE DELAY CHIP
REV 3
logo
Micrel Semiconductor
SY10E195 MICREL-SY10E195 Datasheet
75Kb / 8P
   PROGRAMMABLE DELAY CHIP
SY10E195 MICREL-SY10E195_06 Datasheet
77Kb / 8P
   PROGRAMMABLE DELAY CHIP
logo
ON Semiconductor
MC10E196 ONSEMI-MC10E196 Datasheet
148Kb / 7P
   PROGRAMMABLE DELAY CHIP
1996 REV 2
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196 ONSEMI-MC100EP196_14 Datasheet
151Kb / 19P
   3.3V ECL Programmable Delay Chip with FTUNE
June, 2014 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com