Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100E164JCTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100E164JCTR
Description  16:1 MULTIPLEXER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E164JCTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100E164JCTR Datasheet HTML 1Page - Micrel Semiconductor SY100E164JCTR Datasheet HTML 2Page - Micrel Semiconductor SY100E164JCTR Datasheet HTML 3Page - Micrel Semiconductor SY100E164JCTR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
SY10E164
SY100E164
Micrel
MICREL-SYNERGY
3250 SCOTT BOULEVARD
SANTA CLARA
CA 95054
USA
TEL
+ 1 (408) 980-9191 FAX + 1 (408) 914-7878 WEB http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or
other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc.
© 2000 Micrel Incorporated


Similar Part No. - SY100E164JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E164JCTR MICREL-SY100E164JCTR Datasheet
59Kb / 4P
   16:1 MULTIPLEXER
More results

Similar Description - SY100E164JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E164 MICREL-SY10E164_06 Datasheet
59Kb / 4P
   16:1 MULTIPLEXER
logo
National Semiconductor ...
DM74LS450 NSC-DM74LS450 Datasheet
128Kb / 6P
   16:1 Multiplexer
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164 Datasheet
98Kb / 4P
   16:1 MULTIPLEXER
1996 REV 2
logo
Mitsubishi Electric Sem...
M69897VP MITSUBISHI-M69897VP Datasheet
61Kb / 10P
   16:1 2.488 Gbps Multiplexer
logo
Integrated Device Techn...
ICS850S1601I IDT-ICS850S1601I Datasheet
765Kb / 12P
   16:1 SINGLE-ENDED MULTIPLEXER
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164_06 Datasheet
125Kb / 9P
   5V ECL 16:1 Multiplexer
November, 2006 ??Rev. 8
MC100LVE164 ONSEMI-MC100LVE164_06 Datasheet
120Kb / 7P
   3.3V ECL 16:1 Multiplexer
November, 2006 ??Rev. 6
logo
Renesas Technology Corp
ICS850S1601I RENESAS-ICS850S1601I Datasheet
911Kb / 13P
   16:1 SINGLE-ENDED MULTIPLEXER
AUGUST 15, 2008
logo
ON Semiconductor
MC100LVE164 ONSEMI-MC100LVE164 Datasheet
117Kb / 4P
   LOW VOLTAGE 16:1 MULTIPLEXER
1996 REV 1
logo
Fairchild Semiconductor
MM74C150 FAIRCHILD-MM74C150 Datasheet
69Kb / 8P
   16-Line to 1-Line Multiplexer 3-STATE . 16-Line to 1-Line Multiplexer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com