Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X95820WV14IZ-2.7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X95820WV14IZ-2.7
Description  Low Noise/Low Power/I2C® Bus/256 Taps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X95820WV14IZ-2.7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X95820WV14IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X95820WV14IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X95820WV14IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X95820WV14IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X95820WV14IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X95820WV14IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X95820WV14IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X95820WV14IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X95820WV14IZ-2.7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN8212.2
July 18, 2006
NOTES:
1. Typical values are for TA = 25°C and 3.3V supply voltage.
2. LSB: [V(RW)255 - V(RW)0] / 255. V(RW)255 and V(RW)0 are V(RW) for the DCP register set to FF hex and 00 hex respectively. LSB is the
incremental voltage when changing from one tap to an adjacent tap.
3. ZS error = V(RW)0 / LSB.
4. FS error = [V(RW)255 - VCC] / LSB.
5. DNL = [V(RW)i - V(RW)i-1] / LSB-1, for i = 1 to 255. i is the DCP register setting.
6. INL = [V(RW)i – (i • LSB – V(RW)0)]/LSB for i = 1 to 255.
7. VMATCH = [V(RWx)i - V(RWy)i] / LSB, for i = 0 to 255, x = 0 to 1 and y = 0 to 1.
8.
for i = 16 to 240 decimal, T = -40°C to 85°C. Max( ) is the maximum value of the wiper voltage and Min ( ) is the minimum value of the wiper
voltage over the temperature range.
9. MI =
|R255 - R0| / 255. R255 and R0 are the measured resistances for the DCP register set to FF hex and 00 hex respectively.
10. Roffset = R0 / MI, when measuring between RW and RL.
Roffset = R255 / MI, when measuring between RW and RH.
11. RDNL = (Ri - Ri-1) / MI, for i = 32 to 255.
12. RINL = [Ri - (MI • i) - R0] / MI, for i = 32 to 255.
13. RMATCH = (Ri,x - Ri,y) / MI, for i = 0 to 255, x = 0 to 1 and y = 0 to 1.
14.
for i = 32 to 255, T = -40°C to 85°C. Max( ) is the maximum value of the resistance and Min ( ) is the minimum value of the resistance over the
temperature range.
15. This parameter is not 100% tested.
16. tWC is the minimum cycle time to be allowed for any non-volatile Write by the user, unless Acknowledge Polling is used. It is the time from a
valid STOP condition at the end of a Write sequence of a I2C serial interface Write operation, to the end of the self-timed internal non-volatile
write cycle.
TC
V
Max V RW
()
i
() Min V RW
()
i
()
Max V RW
()
i
() Min V RW
()
i
()
+
[] 2
----------------------------------------------------------------------------------------------
106
125°C
-----------------
×
=
TC
R
Max Ri
() Min Ri
()
[]
Max Ri
() Min Ri
()
+
[] 2
----------------------------------------------------------------
10
6
125°C
-----------------
×
=
Typical Performance Curves
FIGURE 1. WIPER RESISTANCE vs TAP POSITION
[ I(RW) = VCC/RTOTAL ] FOR 50kΩ (U)
FIGURE 2. STANDBY ICC vs VCC
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
TAP POSITION (DECIMAL)
VCC = 5.5, T = 25°C
VCC = 5.5, T = -40°C
VCC = 2.7, T = 25°C
VCC = 5.5, T = 85°C
VCC = 2.7, T = 85°C
VCC = 2.7, T = -40°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.7
3.2
3.7
4.2
4.7
5.2
VCC (V)
-40°C
85°C
25°C
X95820


Similar Part No. - X95820WV14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X95820WV14IZ-2.7 INTERSIL-X95820WV14IZ-2.7 Datasheet
1Mb / 12P
   Dual Digital Controlled Potentiometers
X95820WV14IZ-2.7 INTERSIL-X95820WV14IZ-2.7 Datasheet
1Mb / 12P
   Dual Digital Controlled Potentiometers
logo
Renesas Technology Corp
X95820WV14IZ-2.7 RENESAS-X95820WV14IZ-2.7 Datasheet
1Mb / 12P
   Dual Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
More results

Similar Description - X95820WV14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
   Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
751Kb / 19P
   Low Noise, Low Power, I2C® Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com